전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4387 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN4387
상세설명  BlueNRG is a very low power Bluetooth low energy
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4387 데이터시트(HTML) 4 Page - STMicroelectronics

  AN4387 Datasheet HTML 1Page - STMicroelectronics AN4387 Datasheet HTML 2Page - STMicroelectronics AN4387 Datasheet HTML 3Page - STMicroelectronics AN4387 Datasheet HTML 4Page - STMicroelectronics AN4387 Datasheet HTML 5Page - STMicroelectronics AN4387 Datasheet HTML 6Page - STMicroelectronics AN4387 Datasheet HTML 7Page - STMicroelectronics AN4387 Datasheet HTML 8Page - STMicroelectronics AN4387 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Technical requirements
AN4387
4/22
DocID025465 Rev 1
2
Technical requirements
RF output power
The RF output power is defined as the mean equivalent isotropic radiated power (e.i.r.p.) of
the equipment during a transmission burst.
The max allowed limit is -10 dBW (20 dBm, 100 mW).
Power spectral density
It is the mean equivalent isotropically radiated power spectral density during a transmission
burst.
Its value is limited to 10 dBm per MHz.
Occupied channel bandwidth
It is the bandwidth that contains 99% of the power of the signal.
It shall fall completely within the band 2.4 GHz to 2.4835 GHz.
Transmitter unwanted emissions in the out-of-band domain
They are emissions when the equipment is in transmit mode, on frequencies immediately
outside the necessary bandwidth which results from the modulation process, but excluding
spurious.
The transmitter unwanted emissions in out-of-band domain but outside the allocated band,
shall not exceed the values provided by the mask in Table 1.
Transmitter unwanted emissions in the spurious domain
Transmitter unwanted emissions in spurious domain are emissions outside the allocated
band and outside the out-of-band domain (as specified in previous table), when the
equipment is in transmit mode.
The transmitter unwanted emissions in the spurious domain shall not exceed the values
given in Table 2:
Table 1. Transmitter in out-of-band domain
Frequency range
Transmit mask level
Domain
< 2396 MHz
Spurious
2396 to 2398 MHz
- 20 dBm/MHz
Out of Band
2398 to 2400 MHz
- 10 dBm/MHz
Out of Band
2400 to 2483.5 MHz
Allocated Band
2483.5 to 2485.5 MHz
-10 dBm/MHz
Out of Band
2485.5 to 2487.5 MHz
-20 dBm/MHz
Out of Band
> 2487.5 MHz
Spurious



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com