전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4387 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN4387
상세설명  BlueNRG is a very low power Bluetooth low energy
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4387 데이터시트(HTML) 5 Page - STMicroelectronics

  AN4387 Datasheet HTML 1Page - STMicroelectronics AN4387 Datasheet HTML 2Page - STMicroelectronics AN4387 Datasheet HTML 3Page - STMicroelectronics AN4387 Datasheet HTML 4Page - STMicroelectronics AN4387 Datasheet HTML 5Page - STMicroelectronics AN4387 Datasheet HTML 6Page - STMicroelectronics AN4387 Datasheet HTML 7Page - STMicroelectronics AN4387 Datasheet HTML 8Page - STMicroelectronics AN4387 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DocID025465 Rev 1
5/22
AN4387
Technical requirements
22
Receiver spurious emissions
Receiver spurious emissions are emissions at any frequency when the equipment is in
receive mode. They shall not exceed the values given in Table 3:
Table 2. Transmitter in spurious domain
Frequency range
Maximum power,
e.r.p. ( ≤ 1 GHz)
e.i.r.p. (> 1 GHz)
Bandwidth
30 MHz to 47 MHz
-36 dBm
100 kHz
47 MHz to 74 MHz
-54 dBm
100 kHz
74 MHz to 87.5 MHz
-36 dBm
100 kHz
87,5 MHz to 118 MHz
-54 dBm
100 kHz
118 MHz to 174 MHz
-36 dBm
100 kHz
174 MHz to 230 MHz
-54 dBm
100 kHz
230 MHz to 470 MHz
-36 dBm
100 kHz
470 MHz to 862 MHz
-54 dBm
100 kHz
862 MHz to 1 GHz
-36 dBm
100 kHz
1 GHz to 12.75 GHz
-30 dBm
1 MHz
Table 3. Receiver spurious emissions
Frequency range
Maximum power, e.r.p.
Measurement bandwidth
30 MHz to 1 GHz
-57 dBm
100 kHz
1 GHz to 12.75 GHz
-47 dBm
1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com