전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4387 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 AN4387
상세설명  BlueNRG is a very low power Bluetooth low energy
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4387 데이터시트(HTML) 1 Page - STMicroelectronics

  AN4387 Datasheet HTML 1Page - STMicroelectronics AN4387 Datasheet HTML 2Page - STMicroelectronics AN4387 Datasheet HTML 3Page - STMicroelectronics AN4387 Datasheet HTML 4Page - STMicroelectronics AN4387 Datasheet HTML 5Page - STMicroelectronics AN4387 Datasheet HTML 6Page - STMicroelectronics AN4387 Datasheet HTML 7Page - STMicroelectronics AN4387 Datasheet HTML 8Page - STMicroelectronics AN4387 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
November 2013
DocID025465 Rev 1
1/22
AN4387
Application note
Using the BlueNRG transceiver under ETSI EN 300 328
in 2400 – 2483.5 MHz band
By Ugo Raia
Introduction
BlueNRG is a very low power Bluetooth low energy (BLE) single mode network processor,
compliant with Bluetooth specifications core 4.0. The BlueNRG can act as master and
slave.
Bluetooth low energy technology operates in the same spectrum range (2400 - 2483.5 MHz,
ISM band) as classical Bluetooth technology, but uses a different set of channels. Instead of
Bluetooth technology's 79 channels of 1 MHz band, the low energy technology has 40
channels (37 data channels + 3 advertising channels) of 2 MHz band. Within the channel,
data is transmitted using GFSK (Gaussian Frequency Shift Modulation). The bit rate is 1
Mbit/s, and the maximum transmit power is 10 mW (10 dBm).
Further details are given in volume 6 part A of the Bluetooth Core Specification V4.0.
This application note outlines the expected performance when using the BlueNRG under
ETSI EN 300 328 in the 2400 to 2483.5 MHz band.
For details on the regulatory limits in 2400 - 2483.5 MHz frequency band, please, refer to
ETSI EN 300 328 V1.8.1 (2012-06).
These can be downloaded from www.etsi.org.
www.st.com


유사한 부품 번호 - AN4387

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
AN4382 STMICROELECTRONICS-AN4382 Datasheet
1Mb / 70P
100 W LED street lighting application using STLUX385A
04-Feb-2014
More results

유사한 설명 - AN4387

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STLBC01 STMICROELECTRONICS-STLBC01 Datasheet
1Mb / 40P
Bluetooth low energy controller
22-Apr-2013
logo
Panasonic Semiconductor
PAN1721 PANASONIC-PAN1721 Datasheet
693Kb / 2P
ULTRA LOW POWER, BLUETOOTH LOW ENERGY MODULE
logo
STMicroelectronics
AN4392 STMICROELECTRONICS-AN4392 Datasheet
1Mb / 17P
The BlueNRG is a very low power Bluetooth low energy
24-Jan-2014
logo
LAPIS Semiconductor Co....
ML7105 LAPIS-ML7105 Datasheet
683Kb / 30P
Bluetooth Low Energy
logo
STMicroelectronics
STEVAL-IDB005V1 STMICROELECTRONICS-STEVAL-IDB005V1 Datasheet
409Kb / 11P
Bluetooth low energy board based on the BlueNRG-MS network processor
29-Apr-2015
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
logo
Asahi Kasei Microsystem...
AK1594 AKM-AK1594 Datasheet
1Mb / 52P
Bluetooth Low Energy transmitter
logo
Murata Manufacturing Co...
MBN52832 MURATA1-MBN52832 Datasheet
1Mb / 34P
Bluetooth Low Energy modul
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
Bluetooth Low Energy Module
logo
STMicroelectronics
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com