전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4387 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 AN4387
상세설명  BlueNRG is a very low power Bluetooth low energy
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4387 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button AN4387 Datasheet HTML 6Page - STMicroelectronics AN4387 Datasheet HTML 7Page - STMicroelectronics AN4387 Datasheet HTML 8Page - STMicroelectronics AN4387 Datasheet HTML 9Page - STMicroelectronics AN4387 Datasheet HTML 10Page - STMicroelectronics AN4387 Datasheet HTML 11Page - STMicroelectronics AN4387 Datasheet HTML 12Page - STMicroelectronics AN4387 Datasheet HTML 13Page - STMicroelectronics AN4387 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Transmitter parameter
AN4387
10/22
DocID025465 Rev 1
Figure 5. Power spectral density Ch 37
4.3
Occupied channel bandwidth
The measurement shall be performed at the lowest and the highest frequency within the
stated frequency range.
The spectrum analyzer must be set with:
Center Freq: The center freq of the channel under test; Res BW: ~1% of the span without
going below 1%; Video BW: 3 × RBW; Freq Span: 4 MHz; Detector Mode: RMS;
Trace Mode: Max Hold.
Find the peak value of the trace and place the analyzer marker on this peak.
Use the 99 % bandwidth function of the spectrum analyzer to measure the occupied
channel bandwidth of the UUT.
The measures show a value equal to 1 MHz for all channels; it fall completely within the
band 2.4 - 2.4835 GHz.
AM17655v1
-60
-50
-40
-30
-20
-10
0
10
2401
2401.5
2402
2402.5
2403
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com