전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4387 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 AN4387
상세설명  BlueNRG is a very low power Bluetooth low energy
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4387 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button AN4387 Datasheet HTML 14Page - STMicroelectronics AN4387 Datasheet HTML 15Page - STMicroelectronics AN4387 Datasheet HTML 16Page - STMicroelectronics AN4387 Datasheet HTML 17Page - STMicroelectronics AN4387 Datasheet HTML 18Page - STMicroelectronics AN4387 Datasheet HTML 19Page - STMicroelectronics AN4387 Datasheet HTML 20Page - STMicroelectronics AN4387 Datasheet HTML 21Page - STMicroelectronics AN4387 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Receiver parameter
AN4387
18/22
DocID025465 Rev 1
5
Receiver parameter
5.1
Receiver spurious emissions
The measurement shall be performed at the lowest and the highest channel on which the
equipment can operate.
Testing shall be performed when the equipment is in a receive-only mode.
The spectrum analyzer settings are equivalent to those used for the transmitted unwanted
emissions in spurious domain. No particular troubles were registered for this test.
Figure 15. Receiver spurious emissions, range 30 - 1000 MHz
AM17665v1
-100
-90
-80
-70
-60
-50
-40
-30
30
230
430
630
830
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22