전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4387 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN4387
상세설명  BlueNRG is a very low power Bluetooth low energy
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4387 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN4387 Datasheet HTML 5Page - STMicroelectronics AN4387 Datasheet HTML 6Page - STMicroelectronics AN4387 Datasheet HTML 7Page - STMicroelectronics AN4387 Datasheet HTML 8Page - STMicroelectronics AN4387 Datasheet HTML 9Page - STMicroelectronics AN4387 Datasheet HTML 10Page - STMicroelectronics AN4387 Datasheet HTML 11Page - STMicroelectronics AN4387 Datasheet HTML 12Page - STMicroelectronics AN4387 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DocID025465 Rev 1
9/22
AN4387
Transmitter parameter
22
4
Transmitter parameter
All the measurement here reported are measured with the following parameters: TC = 25 °C,
Vdd = 3.3 V, f = 2402 MHz (lower frequency of the useful bandwidth), unless otherwise
specified.
4.1
RF output power
The measurements performed at the lowest, the middle, and the highest channel show
results lower than the maximum permitted output power:
Figure 4. RF output power Ch 37
4.2
Power spectral density
The measurement shall be performed at the lowest, the middle, and the highest channel on
which the equipment can operate.
The transmitter shall be connected to a spectrum analyzer with the following settings:
Start Freq: 2400 MHz; Stop Freq: 2483.5 MHz; Res BW: 10 kHz; Video BW: 30 kHz
Sweep Points: > 8350; Detector: RMS; Trace Mode: Max Hold; Sweep time: Auto
The measures show a value in line with the limit: 10 dBm/MHz.
Table 4. RF output power
Frequency (MHz)
Channel
Output power
2402
37
7.5 dBm
2442
18
7.5 dBm
2480
39
7.4 dBm
AM17654v1
-1
0
1
2
3
4
5
6
7
8
9
2400
2400.5
2401
2401.5
2402
2402.5
2403
2403.5
2404
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com