| 전자부품 데이터시트 검색엔진 |
|
C161PI 데이터시트(PDF) 62 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C161PI 데이터시트(HTML) 62 Page - Infineon Technologies AG |
|
62 / 82 page ![]() &3, Data Sheet 60 1999-07 Figure 16 External Memory Cycle: Multiplexed Bus, With Read/Write Delay, Normal ALE A22-A16 (A15-A8) BHE, CSxE Data In Data Out Address Address W 38 W 44 W 10 Address ALE CSxL BUS 5HDG &\FOH RD RdCSx BUS :ULWH &\FOH WR, WRL, WRH WrCSx W 5 W 16 W 17 W 6 W 7 W 39 W 40 W 25 W 27 W 18 W 19 W 14 W 46 W 12 W 48 W 10 W 22 W 23 W 44 W 12 W 48 W 8 W 42 W 42 W 8 W 50 W 51 W 54 W 52 W 56 |