| 전자부품 데이터시트 검색엔진 |
|
C161PI 데이터시트(PDF) 65 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C161PI 데이터시트(HTML) 65 Page - Infineon Technologies AG |
|
65 / 82 page ![]() &3, Data Sheet 63 1999-07 Figure 19 External Memory Cycle: Multiplexed Bus, No Read/Write Delay, Extended ALE Data Out Address Data In Address W 38 Address ALE CSxL A22-A16 (A15-A8) BHE, CSxE BUS 5HDG &\FOH RD RdCSx BUS :ULWH&\FOH WR, WRL, WRH WrCSx W 5 W 16 W 17 W 6 W 7 W 39 W 40 W 25 W 27 W 18 W 19 W 15 W 47 W 13 W 49 W 22 W 23 W 13 W 49 W 9 W 43 W 43 W 9 W 11 W 45 W 11 W 45 W 50 W 51 W 54 W 52 W 56 |