| 전자부품 데이터시트 검색엔진 |
|
C161PI 데이터시트(PDF) 75 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C161PI 데이터시트(HTML) 75 Page - Infineon Technologies AG |
|
75 / 82 page ![]() &3, Data Sheet 73 1999-07 Figure 23 External Memory Cycle: Demultiplexed Bus, No Read/Write Delay, Extended ALE Data Out Data In W 38 Address ALE CSxL A22-A16 A15-A0 BHE,CSxE 5HDG&\FOH RD RdCSx :ULWH &\FOH WR, WRL, WRH WrCSx W 5 W 16 W 17 W 6 W 39 W 41 W 26 W 28 W 18 W 21 W 15 W 47 W 13 W 49 W 22 W 24 W 13 W 49 W 9 W 43 W 43 W 9 W 50 W 51 W 55 W 68 W 57 BUS (D15-D8) D7-D0 BUS (D15-D8) D7-D0 |