| 전자부품 데이터시트 검색엔진 |
|
STM32F303VE 데이터시트(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VE 데이터시트(HTML) 42 Page - STMicroelectronics |
|
42 / 184 page ![]() Pinouts and pin description STM32F303xD STM32F303xE 42/184 DocID026415 Rev 4 - - - - 14 PF4 I/O TTa (1) EVENTOUT, COMP1_OUT, TIM20_CH1N, FMC_A4 ADC1_IN5 - - - - 15 PF5 I/O FT (1) EVENTOUT, TIM20_CH2N, FMC_A5 - - - - - 16 VSS S (1) -- -- - - 17 VDD S (1) -- - 73 C11 C1 18 PF6 I/O FTf (1) EVENTOUT, TIM4_CH4, I2C2_SCL, USART3_RTS, FMC_NIORD - - - - - 19 PF7 I/O FT (1) EVENTOUT, TIM20_BKIN, FMC_NREG - - - - - 20 PF8 I/O FT (1) EVENTOUT, TIM20_BKIN2, FMC_NIOWR - - 10 F2 D10 21 PF9 I/O FT (1) EVENTOUT, TIM20_BKIN, TIM15_CH1, SPI2_SCK, FMC_CD - - 11 G2 E10 22 PF10 I/O FT (1) EVENTOUT, TIM20_BKIN2, TIM15_CH2, SPI2_SCK, FMC_INTR - 5 12 F1 F10 23 PF0-OSC_IN I FTf - EVENTOUT, I2C2_SDA, SPI2_NSS/I2S2_WS, TIM1_CH3N OSC_IN 613 G1 F9 24 PF1- OSC_OUT OFTf - EVENTOUT, I2C2_SCL, SPI2_SCK/I2S2_CK OSC_OUT 7 14 H2 E9 25 NRST I-O RST - Device reset input/internal reset output (active low) 8 15 H1 G10 26 PC0 I/O TTa - EVENTOUT, TIM1_CH1 ADC12_IN6, COMP7_INM 9 16 J2 G9 27 PC1 I/O TTa - EVENTOUT, TIM1_CH2 ADC12_IN7, COMP7_INP 10 17 J3 G8 28 PC2 I/O TTa - EVENTOUT, TIM1_CH3, COMP7_OUT ADC12_IN8 Table 13. STM32F303xD/E pin definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |