| 전자부품 데이터시트 검색엔진 |
|
STM32F303VE 데이터시트(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VE 데이터시트(HTML) 45 Page - STMicroelectronics |
|
45 / 184 page ![]() DocID026415 Rev 4 45/184 STM32F303xD STM32F303xE Pinouts and pin description 67 - - - - 49 PF11 I/O FT (1) EVENTOUT, TIM20_ETR - - - - - 50 PF12 I/O FT (1) EVENTOUT, TIM20_CH1, FMC_A6 - - - - - 51 VSS S - - - - -- - - 52 VDD S - (1) -- - - - - 53 PF13 I/O FT (1) EVENTOUT, TIM20_CH2, FMC_A7 - - - - - 54 PF14 I/O FT (1) EVENTOUT, TIM20_CH3, FMC_A8 - - - - - 55 PF15 I/O FT (1) EVENTOUT, TIM20_CH4, FMC_A9 - - - - - 56 PG0 I/O FT (1) EVENTOUT, TIM20_CH1N, FMC_A10 - - - - - 57 PG1 I/O FT (1) EVENTOUT, TIM20_CH2N, FMC_A11 - - 38 M7 F8 58 PE7 I/O TTa (1) EVENTOUT, TIM1_ETR, FMC_D4 ADC3_IN13 - 39 L7 E6 59 PE8 I/O TTa (1) EVENTOUT, TIM1_CH1N, FMC_D5 ADC34_IN6, COMP4_INM - 40 M8 - 60 PE9 I/O TTa (1) EVENTOUT, TIM1_CH1, FMC_D6 ADC3_IN2 - - - - 61 VSS S - (1) -- -- - - 62 VDD S - (1) -- - 41 L8 - 63 PE10 I/O TTa (1) EVENTOUT, TIM1_CH2N, FMC_D7 ADC3_IN14 - 42 M9 H5 64 PE11 I/O TTa (1) EVENTOUT, TIM1_CH2, SPI4_NSS, FMC_D8 ADC3_IN15 - 43 L9 G5 65 PE12 I/O TTa (1) EVENTOUT, TIM1_CH3N, SPI4_SCK, FMC_D9 ADC3_IN16 - 44 M10 - 66 PE13 I/O TTa (1) EVENTOUT, TIM1_CH3, SPI4_MISO, FMC_D10 ADC3_IN3 Table 13. STM32F303xD/E pin definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |