| 전자부품 데이터시트 검색엔진 |
|
STM32F303VE 데이터시트(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VE 데이터시트(HTML) 51 Page - STMicroelectronics |
|
51 / 184 page ![]() DocID026415 Rev 4 51/184 STM32F303xD STM32F303xE Pinouts and pin description 67 - - - - 129 PG14 I/O FT (1) EVENTOUT, FMC_A25 - - - - - 130 VSS S - (1) -- -- - - 131 VDD S - (1) -- - - - - 132 PG15 I/O FT (1) EVENTOUT - 55 89 A8 A5 133 PB3 I/O FT - JTDO-TRACESWO, TIM2_CH2, TIM4_ETR, TSC_G5_IO1, TIM8_CH1N, SPI1_SCK, SPI3_SCK/I2S3_CK, USART2_TX, TIM3_ETR, EVENTOUT - 56 90 A7 B5 134 PB4 I/O FT - JTRST, TIM16_CH1, TIM3_CH1, TSC_G5_IO2, TIM8_CH2N, SPI1_MISO, SPI3_MISO/I2S3ext_SD, USART2_RX, TIM17_BKIN, EVENTOUT - 57 91 C5 A6 135 PB5 I/O FTf - TIM16_BKIN, TIM3_CH2, TIM8_CH3N, I2C1_SMBAl, SPI1_MOSI, SPI3_MOSI/I2S3_SD, USART2_CK, I2C3_SDA, TIM17_CH1, EVENTOUT - 58 92 B5 B6 136 PB6 I/O FTf - TIM16_CH1N, TIM4_CH1, TSC_G5_IO3, I2C1_SCL, TIM8_CH1, TIM8_ETR, USART1_TX, TIM8_BKIN2, EVENTOUT - 59 93 B4 C5 137 PB7 I/O FTf - TIM17_CH1N, TIM4_CH2, TSC_G5_IO4, I2C1_SDA, TIM8_BKIN, USART1_RX, TIM3_CH4, FMC_NADV, EVENTOUT - 60 94 A4 A7 138 BOOT0 I - - - - Table 13. STM32F303xD/E pin definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |