| 전자부품 데이터시트 검색엔진 |
|
STM32F303VE 데이터시트(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VE 데이터시트(HTML) 44 Page - STMicroelectronics |
|
44 / 184 page ![]() Pinouts and pin description STM32F303xD STM32F303xE 44/184 DocID026415 Rev 4 21 30 K4 H7 41 PA5 I/O TTa (4) TIM2_CH1/TIM2_ETR, TSC_G2_IO2, SPI1_SCK, EVENTOUT ADC2_IN2, DAC1_OUT2, COMP1_INM, COMP2_INM, COMP3_INM, COMP4_INM, COMP5_INM, COMP6_INM, COMP7_INM, OPAMP1_VINP, OPAMP2_VINM, OPAMP3_VINP 22 31 L4 H6 42 PA6 I/O TTa (4) TIM16_CH1, TIM3_CH1, TSC_G2_IO3, TIM8_BKIN, SPI1_MISO, TIM1_BKIN, COMP1_OUT, EVENTOUT ADC2_IN3, OPAMP2_VOUT 23 32 M4 K7 43 PA7 I/O TTa - TIM17_CH1, TIM3_CH2, TSC_G2_IO4, TIM8_CH1N, SPI1_MOSI, TIM1_CH1N, EVENTOUT ADC2_IN4, COMP2_INP, OPAMP1_VINP, OPAMP2_VINP 24 33 K5 G6 44 PC4 I/O TTa - EVENTOUT, TIM1_ETR, USART1_TX ADC2_IN5 25 34 L5 F6 45 PC5 I/O TTa - EVENTOUT, TIM15_BKIN, TSC_G3_IO1, USART1_RX ADC2_IN11, OPAMP1_VINM, OPAMP2_VINM 26 35 M5 J6 46 PB0 I/O TTa - TIM3_CH3, TSC_G3_IO2, TIM8_CH2N, TIM1_CH2N, EVENTOUT ADC3_IN12, COMP4_INP, OPAMP2_VINP, OPAMP3_VINP 27 36 M6 K6 47 PB1 I/O TTa (4) TIM3_CH4, TSC_G3_IO3, TIM8_CH3N, TIM1_CH3N, COMP4_OUT, EVENTOUT ADC3_IN1, OPAMP3_VOUT 28 37 L6 K5 48 PB2 I/O TTa - TSC_G3_IO4, EVENTOUT ADC2_IN12, COMP4_INM, OPAMP3_VINM Table 13. STM32F303xD/E pin definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |