| 전자부품 데이터시트 검색엔진 |
|
STM32F303VE 데이터시트(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VE 데이터시트(HTML) 46 Page - STMicroelectronics |
|
46 / 184 page ![]() Pinouts and pin description STM32F303xD STM32F303xE 46/184 DocID026415 Rev 4 - 45 M11 - 67 PE14 I/O TTa (1) EVENTOUT, TIM1_CH4, SPI4_MOSI, TIM1_BKIN2, FMC_D11 ADC4_IN1 - 46 M12 - 68 PE15 I/O TTa (1) EVENTOUT, TIM1_BKIN, USART3_RX, FMC_D12 ADC4_IN2 29 47 L10 K4 69 PB10 I/O TTa - TIM2_CH3, TSC_SYNC, USART3_TX, EVENTOUT COMP5_INM, OPAMP3_VINM, OPAMP4_VINM 30 48 L11 K3 70 PB11 I/O TTa - TIM2_CH4, TSC_G6_IO1, USART3_RX, EVENTOUT ADC12_IN14, COMP6_INP, OPAMP4_VINP 31 49 F12 K1, J1, K2 71 VSS S - - - - 32 50 G12 J5 72 VDD S - - - - 33 51 L12 J4 73 PB12 I/O TTa (4) TSC_G6_IO2, I2C2_SMBAL, SPI2_NSS/I2S2_WS, TIM1_BKIN, USART3_CK, EVENTOUT ADC4_IN3, COMP3_INM, OPAMP4_VOUT 34 52 K12 J3 74 PB13 I/O TTa - TSC_G6_IO3, SPI2_SCK/I2S2_CK, TIM1_CH1N, USART3_CTS, EVENTOUT ADC3_IN5, COMP5_INP, OPAMP3_VINP, OPAMP4_VINP 35 53 K11 J2 75 PB14 I/O TTa - TIM15_CH1, TSC_G6_IO4, SPI2_MISO/I2S2ext_SD, TIM1_CH2N, USART3_RTS, EVENTOUT ADC4_IN4, COMP3_INP, OPAMP2_VINP 36 54 K10 H4 76 PB15 I/O TTa - RTC_REFIN, TIM15_CH2, TIM15_CH1N, TIM1_CH3N, SPI2_MOSI/I2S2_SD, EVENTOUT ADC4_IN5, COMP6_INM - 55 K9 - 77 PD8 I/O TTa (1) EVENTOUT, USART3_TX, FMC_D13 ADC4_IN12, OPAMP4_VINM Table 13. STM32F303xD/E pin definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |