전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STRFNFCA 데이터시트(PDF) 64 Page - STMicroelectronics

부품명 STRFNFCA
상세설명  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA 데이터시트(HTML) 64 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 60Page - STMicroelectronics STRFNFCA Datasheet HTML 61Page - STMicroelectronics STRFNFCA Datasheet HTML 62Page - STMicroelectronics STRFNFCA Datasheet HTML 63Page - STMicroelectronics STRFNFCA Datasheet HTML 64Page - STMicroelectronics STRFNFCA Datasheet HTML 65Page - STMicroelectronics STRFNFCA Datasheet HTML 66Page - STMicroelectronics STRFNFCA Datasheet HTML 67Page - STMicroelectronics STRFNFCA Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
Examples of STRFNFCA command code to activate NFC Forum and ISO/IEC 15693 tags STRFNF-
64/74
Doc ID 023077 Rev 10
<<< 80 07 08 00 87C1 080000
REM,
Read ad08 00 UID0 UID 1 UID2 UID3
>>> 04 08 01 0800 6E567A00 A8
<<< 80 07 08 00 87C1 080000
D.1.2
NFC Forum Tag Type 2
REM, STRFNFCA code example to support NFC Forum Tag Type 2 14443_A
REM,
TEST INVENTORY then Read & Write in Memory
REM, Protocol select 14443A
>>> 02020200
<<< 0000
REM, Optimization of synchronization between digital and analog
inputs by adjusting TimerW value (default 0x52, min. 0x50, max.
0x60). Recommended value is 0x56 or 0x58 for NFC Forum Tag Type 2.
>>> 09043A005804
<<< 0000
REM,
Recommended modulation and gain is 0xD1 or 0xD3 for NFC Forum
Tag Type 2.
>>> 0904680101D1
<<< 0000
------ ISO14443-A STARTING ANTICOLLISION ALGORITHM ------
ISO14443-A REQAreply ATQA
>>> SENDRECV, 26 07
<<< 80 05 4400 280000
ISO14443-A ANTICOL 1
>>> SENDRECV, 93 20 08
<<< 80 08 8804179F04 280000
ISO14443-A SELECT 1
>>> SENDRECV, 93 70 8804179F04 28
<<< 80 06 04 DA17 080000
ISO14443-A ANTICOL 2
>>> SENDRECV, 9520 08
<<< 80 08 7910000069 280000
ISO14443-A SELECT 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74