전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STRFNFCA 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 STRFNFCA
상세설명  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 10Page - STMicroelectronics STRFNFCA Datasheet HTML 11Page - STMicroelectronics STRFNFCA Datasheet HTML 12Page - STMicroelectronics STRFNFCA Datasheet HTML 13Page - STMicroelectronics STRFNFCA Datasheet HTML 14Page - STMicroelectronics STRFNFCA Datasheet HTML 15Page - STMicroelectronics STRFNFCA Datasheet HTML 16Page - STMicroelectronics STRFNFCA Datasheet HTML 17Page - STMicroelectronics STRFNFCA Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
Communication protocols
STRFNFCA
14/74
Doc ID 023077 Rev 10
4.2.2
Interrupt mode
When the STRFNFCA is configure to use the SPI serial interface, pin IRQ_OUT is used to
give additional information to user. When the STRFNFCA is ready to send back a reply, it
sends an Interrupt Request by setting a low level on pin IRQ_OUT, which remains low until
the host reads the data.
The application can use the Interrupt mode to skip the polling stage.
Caution:
SPI communication is MSB first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74