전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STRFNFCA 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 STRFNFCA
상세설명  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 27Page - STMicroelectronics STRFNFCA Datasheet HTML 28Page - STMicroelectronics STRFNFCA Datasheet HTML 29Page - STMicroelectronics STRFNFCA Datasheet HTML 30Page - STMicroelectronics STRFNFCA Datasheet HTML 31Page - STMicroelectronics STRFNFCA Datasheet HTML 32Page - STMicroelectronics STRFNFCA Datasheet HTML 33Page - STMicroelectronics STRFNFCA Datasheet HTML 34Page - STMicroelectronics STRFNFCA Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 74 page
background image
STRFNFCA
Commands
Doc ID 023077 Rev 10
31/74
5.9
Idle command (0x07) description
This command switches the STRFNFCA into low consumption mode and defines the way to
return to Ready state.
The Result code contains the Wake-up flag register value indicating to the application the
wake-up event that caused the device to exit WFE mode.
Reader
ISO/IEC-
18092
212/424
Send example
06 04 01020304
Note the
difference in
data in
Reader and
Card
Emulation
mode: in
Reader mode
there is no
slot
information
Command code
Length of entire data field
Data
Card
ISO/IEC-
18092
212/424
Send example
06 05 01020304
00
If slot number = 0x10,
replies immediately
Command code
Length of entire data field
Data
Parameter:
Slot number (in which to reply)
Table 20.
Format of data to be sent using SEND command (continued)
Protocol
Explanation
Response example
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74