전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TAS3103DBT 데이터시트(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
부품명 TAS3103DBT
상세설명  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT 데이터시트(HTML) 56 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 52Page - Texas Instruments TAS3103DBT Datasheet HTML 53Page - Texas Instruments TAS3103DBT Datasheet HTML 54Page - Texas Instruments TAS3103DBT Datasheet HTML 55Page - Texas Instruments TAS3103DBT Datasheet HTML 56Page - Texas Instruments TAS3103DBT Datasheet HTML 57Page - Texas Instruments TAS3103DBT Datasheet HTML 58Page - Texas Instruments TAS3103DBT Datasheet HTML 59Page - Texas Instruments TAS3103DBT Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 146 page
background image
2−24
between recognizing the activation of pin PWRDN and entering the power down would be 4096 LRCLK periods,
assuming a volume slew rate selection (bit VSC of I2C subaddress 0xF1) of 4096 and the issuance of a volume
update immediately preceding the reading of pin PWRDN. The worst case time lag between setting PWRDN to logic
1 and entering the power down state is then:
power – down – time lag
Worst-Case +
4096
) GPIOFSCOUNT
LRCLK
)
80
Microprocessor-Clock
There is also a time lag between deactivating PWRDN (setting PWRDN to logic 0) and exiting the power down state.
This time lag is set by the time it takes the internal digital PLL to stabilize, and this time, in turn, is set by the master
clock frequency (MCLKI or XTALI) and the PLL output clock frequency. For a 135-MHz PLL output clock and a 24.576
MCLKI, the time lag is approximately 25
µs. For a 11.264-MHz PLL output clock and a 1.024-MHz MCLKI, the time
lag is approximately 360
µs.
Power consumption in the power-down state is approximately 12 mW.
2.7
Watchdog Timer
There is a watchdog timer in the TAS3103 that monitors the microprocessor activity. If the microprocessor ever
ceases to execute its stored program, the watchdog timer fires and resets the TAS3103. This capability was included
in the TAS3103 for factory test purposes and has little use in applications. The program structure used in the
microprocessor assures that the microprocessor always executes its stored program unless a hardware failure
occurs.
The watchdog timer is governed by the parameter GPIOFSCOUNT in subaddress 0xEF and the LSB of the 32-bit
word at subaddress 0xEB. The default value of the LSB of the 32-bit word at subaddress 0xEB is 1 and this value
disables the watchdog timer. The GPIOFSCOUNT is also used in other functions and balancing the needs of these
other functions regarding GPIOFSCOUNT with the requirements of the watchdog timer is an involved process. For
this reason, it is strongly recommended that the LSB of the 32-bit word at subaddress 0xEB remain a 1. If an
application does require use of the watchdog timer, it is requested that the user contact an application engineer in
the Digital Audio Department of Texas Instruments for details in properly using this feature.
2.8
General-Purpose I/O (GPIO) Ports
The TAS3103 has four general-purpose I/O (GPIO) ports. Figure 2−21 is a block diagram of the GPIO circuitry in the
TAS3103.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com