전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TAS3103DBT 데이터시트(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
부품명 TAS3103DBT
상세설명  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT 데이터시트(HTML) 99 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 95Page - Texas Instruments TAS3103DBT Datasheet HTML 96Page - Texas Instruments TAS3103DBT Datasheet HTML 97Page - Texas Instruments TAS3103DBT Datasheet HTML 98Page - Texas Instruments TAS3103DBT Datasheet HTML 99Page - Texas Instruments TAS3103DBT Datasheet HTML 100Page - Texas Instruments TAS3103DBT Datasheet HTML 101Page - Texas Instruments TAS3103DBT Datasheet HTML 102Page - Texas Instruments TAS3103DBT Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 146 page
background image
3−39
The transfer curve remains a constant 24 dB above the 1:1 transfer curve for input levels above and below T2 until
the computed DRC gain coefficient falls within the dynamic range of a 5.23 format number. For input levels above
T2, k2 implements a 5:1 compression, At an input level 7.5 dB above T2 (−62.5 dB), the DRC transfer curve has risen
7.5/5 = 1.5 dB. The boost at this point is 30 dB - (7.5 dB - 1.5 dB) = 24 dB. The DRC has come out of gain saturation.
For input levels above −62.5 dB, the transfer curve exhibits 5:1compression.
Table 3−5. DRC Example 2 Parameters
DRC
PARAMETER
REQUIRED (SPECIFIED) VALUE
(NET GAINSAP Input-DRC = 0 dB)
I2C COEFFICIENT VALUE
T2
−22 dBInput ≥ −70 dBDRC
−70/−6.0206= 11.626748
= 0x000005D0394825.23 Format
T1
−102 dBInput ≥ −150 dBDRC
−150/−6.0206 = 24.91446
= 0x00000C750D0925.23 Format
O2
−30 dB
(−30 + 24.0824)/6.0206 = −0.982892
= 0xFFFFFF82309825.23 Format
O1
50 dB
(50 + 24.0824)/6.0206 = 12.304820
= 0x00000627045825.23 Format
k2
5:1 Compression
(1/5) − 1 = −0.8 = 0xF99999A5.23 Format
k1
1:2 Expansion
2 − 1 = 1 = 0x08000005.23 Format
k0
2:1 Compression
(1/2) − 1 = −0.5 = 0xFC000005.23 Format
For input levels below T2, k1 implements a 1:2 expansion. With a 1:2 expansion in effect, the transfer curve has
dropped 12 dB at an input level 6 dB below T2. The boost at this level is 30 dB − (12 dB − 6 dB) = 24 dB. The DRC
gain coefficient has again come out of saturation. For input levels below −76 dB and above −150 dB, the transfer curve
exhibits a 1:2 expansion.
At T1 (-150 dB), the transfer curve is 50 dB below the 1:1 transfer curve. Since O1 = 50 dB, there is no discontinuity
in the transfer function. For inputs below −150 dB, k0 implements a 2:1 compression. The change from a 2:1
compression to a 1:1 transfer at −192 dB is due to 32-bit dynamic range saturation at the DRC input.
3.7.3.3 Example 3—1:1 Transfer/Infinite Compression With Minimum Gain Saturation, 32-Bit
Dynamic Range Saturation, and Equal Threshold Settings (T1=T2)
The DRC transfer function parameters for this example are given in Table 3−6. In addition to illustrating minimum gain
saturation, this example also illustrates the operation of the DRC when T1 and T2 are set equal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com