| 전자부품 데이터시트 검색엔진 |
|
TAS3103DBT 데이터시트(PDF) 30 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS3103DBT 데이터시트(HTML) 30 Page - Texas Instruments |
|
30 / 146 page ![]() 1−22 Delay Channel 1 = 2 x {D1[11:0] + 1} S Slave Addr Ack Sub-Addr D1 and R1 Ack Ack Ack Ack Ack xxxxxxx l s b m s b xxx 0000 D2 and R2 Ack Ack Ack Ack xxxxxxx l s b m s b xxx 0000 Note: 2 x (D1 + D2 + D3) + 3 x (R1 +R2 +R3) ≤ 4076 0xFA l s b l s b xxxxxxx xxxxxxx m s b xxx 0000 m s b xxx 0000 D3 and R3 Ack Ack Ack Ack xxxxxxx l s b m s b xxx 0000 l s b xxxxxxx m s b xxx 0000 Delay Reverb Delay Channel 2 = 2 x {D2[11:0] + 1} Delay Channel 3 = 2 x {D3[11:0] + 1} Reserved Reverb Channel 1 = 2 x {R1[11:0] + 1} Reserved Reverb Channel 2 = 2 x {R2[11:0] + 1} Reverb Channel 3 = 2 x {R3[11:0] + 1} Delay/Reverb Assignments NOTE: Changes in reverb and delay assignments can result in unplesasant and extended audio artifacts. It is recommended that the TAS3103 always be muted before making reverb and delay changes. See section 3.6.3 for a detailed discussion of this restriction. |