전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TAS3103DBT 데이터시트(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
부품명 TAS3103DBT
상세설명  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT 데이터시트(HTML) 78 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 74Page - Texas Instruments TAS3103DBT Datasheet HTML 75Page - Texas Instruments TAS3103DBT Datasheet HTML 76Page - Texas Instruments TAS3103DBT Datasheet HTML 77Page - Texas Instruments TAS3103DBT Datasheet HTML 78Page - Texas Instruments TAS3103DBT Datasheet HTML 79Page - Texas Instruments TAS3103DBT Datasheet HTML 80Page - Texas Instruments TAS3103DBT Datasheet HTML 81Page - Texas Instruments TAS3103DBT Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 146 page
background image
3−18
Microprocessor
2048 Sample
Transition
4096 Sample
Transition
Soft Volume
Gain Control
Soft Volume
volume_setting
VSCSubaddress 0xF1 = 1
VSCSubaddress 0xF1 = 0
I2C Slave Mode
I2C Master Mode
I2C
Volume
Commands
GPIO
Volume
Commands
f (Volume)
Programmable
Biquad Filter
Channel-Processed
Audio
Loudness Compensation
Volume-Adjusted
Audio
Figure 3−15. Soft Volume and Loudness Compensation Block Diagram
Figure 3−15 is a more detailed block diagram of soft volume and loudness compensation, and includes the I2C
subaddress commands that control volume and loudness compensation. Volume control is accomplished using three
I2C subaddresses—volume control, mute/unmute control, and volume slew rate control.
Volume control in the TAS3103 applies a linear gain. The volume commands issued via I2C subaddresses 0xF2,
0xF3, and 0xF4 (monaural channels 1, 2, and 3 respectively) are signed 5.23 format numbers. These commands are
applied to mixers, whose other input port is the audio data stream. The mixer output is the product of the audio data
stream and the volume command. Examples of volume command settings are given below.
Volume Command = 0x3580B07 = 0011_0.101_1000_0000_1011_0000_0111 = 6.6878365
Volume Command = 0x01F0000 = 0000_0.001_1111_0000_0000_0000_0000_0000 = 0.2421875
Volume Command = 0xCD6EFFE = 1100_1.101_0110_1110_1111_1111_1110 = −6.3208010
The volume control range is 0 = −
∞ to 2−23 = −138.47 dB to 24 − 2−23 = 24.08 dB. Volume control is achieved by means
of a 5.23 format gain coefficient that is applied to a linear mixer. The volume gain setting realized, for a given volume
gain coefficient is:
Gain = 20log (Volume_Gain_Coefficient)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com