전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TAS3103DBT 데이터시트(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
부품명 TAS3103DBT
상세설명  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT 데이터시트(HTML) 100 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 96Page - Texas Instruments TAS3103DBT Datasheet HTML 97Page - Texas Instruments TAS3103DBT Datasheet HTML 98Page - Texas Instruments TAS3103DBT Datasheet HTML 99Page - Texas Instruments TAS3103DBT Datasheet HTML 100Page - Texas Instruments TAS3103DBT Datasheet HTML 101Page - Texas Instruments TAS3103DBT Datasheet HTML 102Page - Texas Instruments TAS3103DBT Datasheet HTML 103Page - Texas Instruments TAS3103DBT Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 146 page
background image
3−40
O2 = − 30 dB
− 40
− 50
− 60
−70
− 80
− 90
− 100
− 110
− 120
− 130
− 140
− 150
− 160
− 170
− 180
− 190
− 200
− 210
− 220
O1 = 50 dB
k2 = 5:1
k1 = 1 : 2
− 230
− 240
− 250
− 260
− 270
− 280
− 290
k0 = 2 : 1
k = 1:1
(Gain Saturation)
k = 1:1
(32-Bit Dynamic
Range Saturation)
− 192 dB
− 62.5 dB
− 76 dB
−290
T1
DRC INPUT (dB)
Ideal Transfer Function (Unlimited Resolution)
Implemented Transfer Function
Slope change points
1:1 Transfer Function
−280 −270 −260 −250 −240 −230 −220 −210
−140
−150
−160
−170
−180
−190
−200
−130 −120 −110 −100 −90 −80 −70 −60 −50
T2
−24 dB
−24 dB
Figure 3−24. DRC Transfer Curve—Example 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com