전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TAS3103DBT 데이터시트(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
부품명 TAS3103DBT
상세설명  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT 데이터시트(HTML) 84 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 80Page - Texas Instruments TAS3103DBT Datasheet HTML 81Page - Texas Instruments TAS3103DBT Datasheet HTML 82Page - Texas Instruments TAS3103DBT Datasheet HTML 83Page - Texas Instruments TAS3103DBT Datasheet HTML 84Page - Texas Instruments TAS3103DBT Datasheet HTML 85Page - Texas Instruments TAS3103DBT Datasheet HTML 86Page - Texas Instruments TAS3103DBT Datasheet HTML 87Page - Texas Instruments TAS3103DBT Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 146 page
background image
3−24
data that falls in the subaddress range 0x01 through 0xD1 after issuing an I2C command to change the volume level
on one of the three monaural channels, the busy bit at subaddress 0xFF must be monitored to determine when the
volume activity has ceased and it is safe to resume I2C read activity at subaddresses 0x01 through 0xD1. A value
of 0 in the least significant bit of the byte output upon reading subaddress 0xFF signifies that all volume transition
activity has completed.
3.6.2
Loudness Compensation
Loudness compensation employs a single, coefficient-programmable, biquad filter and a function block
f(volume_setting), whose output is only a function of the volume control setting. The biquad filter input is the channel
processed audio data stream that also feeds the volume gain-control mixer. The biquad output feeds a gain control
mixer whose other input is the volume control setting after processing by the function block f(volume setting).
Loudness compensation then allows a given spectral segment of the audio data stream (as determined by the biquad
filter coefficients) to be given a delta adjustment in volume as determined by the programmable function block
f(volume_setting).
The output of the function block f(volume_setting) can be expressed in terms of the programmable I2C coefficients
as:
f(volume_setting) = [(volume_setting)LG x2LO xG] +O
where:
LG = logarithmic gain = 5.23 format number
LO = logarithmic offset = 25.23 format number
G = gain = 5.23 format number
O = offset = 25.23 format number
If LG = 0.5, LO = 0.0, G = 1.0, and O = 0.0, f(volume setting) becomes:
f(volume_setting) =
√volume_setting
The output of the soft volume/loudness compensation block for the above case would be:
audioOut = [audioIn × volume_setting] + [audioIn × F(s)Biquad × √volume_setting ]
If a given monaural channel is set up as in the above example, a true mute is not obtained when a mute command
is issued for the monaural channel. A mute command results in a volume control setting of 0.0. LG and LO operate
in logarithmic space and the logarithm of 0.0 is −
∞. Therefore (volume_setting)−∞ and 2−∞ should both be of value
0. However, the function block f(volume_setting) approximates logarithmic arithmetic and a consequence of the
mathematical approximations used is that the function block can output a non-zero value for an input volume setting
of 0.0. For f(volume_setting) =
√volume_setting, a volume_setting value of 0.0 results in the function block outputting
a gain coefficient that cuts the output of the biquad filter by approximately 90 dB. If true muting is required, it can be
achieved by setting G = 0.0 after the volume control setting has softly transitioned to 0.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com