전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CP3SP33SMS/NOPB 데이터시트(PDF) 208 Page - Texas Instruments

부품명 CP3SP33SMS/NOPB
상세설명  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB 데이터시트(HTML) 208 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 204Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 205Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 206Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 207Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 208Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 209Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 210Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 211Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 212Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 407 page
background image
Data Field
Incorrect
Bit
r
r
r
r
DS047
r
r
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
EFID
The Error Field Identifier field identifies the frame field in which the last error occurred. The
encoding of the frame fields is shown in Table 22-19.
Table 22-19. Error Field Identifier
EFID3:0
Field
0000
ERROR
0001
ERROR DEL
0010
ERROR ECHO
0011
BUS IDLE
0100
ACK
0101
EOF
0110
INTERMISSION
0111
SUSPEND TRANSMISSION
1000
SOF
1001
ARBITRATION
1010
IDE
1011
EXTENDED ARBITRATION
1100
R1/R0
1101
DLC
1110
DATA
1111
CRC
EBID
The Error Bit Identifier field reports the bit position of the incorrect bit within the erroneous
frame field. The bit number starts with the value equal to the respective frame field length
minus one at the beginning of each field and is decremented with each CAN bit. Figure 22-30
shows an example on how the EBID is calculated.
Figure 22-30. EBID Example
For example, assume the EFID field shows 1110b and the EBID field shows 111001b. This
means the faulty field was the data field. To calculate the bit position of the error, the DLC of
the message needs to be known. For example, for a DLC of 8 data bytes, the bit counter starts
with the value: (8 × 8) – 1 = 63; so when EBID5:0 = 111001b = 57, then the bit number was
63 – 57 = 6.
TXE
The Transmit Error bit indicates whether the CAN module was an active transmitter at the time
the error occurred.
0 – The CAN module was a receiver at the time the error occurred.
1 – The CAN module was an active transmitter at the time the error occurred.
208
Dual CAN Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More