전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MT9072AB 데이터시트(PDF) 17 Page - Zarlink Semiconductor Inc

부품명 MT9072AB
상세설명  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZARLINK [Zarlink Semiconductor Inc]
홈페이지  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB 데이터시트(HTML) 17 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 13Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 14Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 15Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 16Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 17Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 18Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 19Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 20Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 21Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 275 page
background image
MT9072
Data Sheet
List of Tables
17
Zarlink Semiconductor Inc.
Table 1 - ST-BUS vs. PCM24 Channel Relationship for 2.048 Mbit/s DST/CST Streams (T1) . . . . . . . . . . . . . . . 41
Table 2 - ST-BUS Channel vs. PCM24 Channel Relationship for 8.192 Mbit/s DST/CST Streams (T1) . . . . . . . . 41
Table 3 - ST-BUS vs. PCM24 to Channel Relationship for IMA DST Streams (T1) . . . . . . . . . . . . . . . . . . . . . . . . 42
Table 4 - ST-BUS Channel vs. PCM30 Timeslot for 2.048 Mbit/s DST/CST Streams (E1) . . . . . . . . . . . . . . . . . . 43
Table 5 - ST-BUS Channel vs. PCM30 Timeslot Relationship for 8.192 Mbit/s DST/CST Streams (E1). . . . . . . . 43
Table 6 - PCM30 Timeslot to PCM30 Channel Relationship (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Table 7 - Registers Related to Framing Mode for the MT9072 (T1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Table 8 - D4 Superframe Structure (T1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Table 9 - ESF Superframe Structure (T1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Table 10 - G.802 ST-BUS to PCM24 Mapping (T1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Table 11 - Registers Related to Framing for MT9072 (E1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Table 12 - CRC-4 FAS and NFAS Structure (E1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Table 13 - Operation of AUTC, ARAI and TALM Control Bits (E1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Table 14 - Registers Related to the Elastic Buffer (T1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Table 15 - Registers Related to Elastic Store (E1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Table 16 - Registers Related to the Data Link and Bit Oriented Messages (T1) . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Table 17 - Data Link and Sa Bits Configuration and Status Registers (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Table 18 - MT9072 National Bit Buffers (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Table 19 - Transmit PCM30 National Bits from ST-BUS 2.048 Mbit/s or 8.192 Mbit/s DSTi (E1) . . . . . . . . . . . . . 62
Table 20 - Receive PCM30 National Bits to ST-BUS 2.048 Mbit/s or 8.192 Mbit/s DSTo (E1) . . . . . . . . . . . . . . . 62
Table 21 - T1.403 and T1.408 Message Oriented Performance Report Structure (T1) . . . . . . . . . . . . . . . . . . . . . 63
Table 22 - Registers Related to Signaling (T1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Table 23 - Registers Related to CAS Signaling (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Table 24 - Channel Associated Signaling (CAS) Multiframe Structure (E1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Table 25 - Transmit PCM30 CAS Channels 1 to 30 from ST-BUS 2.048 Mbit/s or 8.192 Mbit/s CSTi (E1). . . . . . 68
Table 26 - Receive PCM30 CAS Channels 1 to 30 to ST-BUS 2.048 Mbits or 8.192 Mbits CSTo (E1). . . . . . . . . 68
Table 27 - Transmit PCM30 CCS from ST-BUS 2.048 Mbit/s or 8.192 Mbit/s CSTi (E1). . . . . . . . . . . . . . . . . . . . 69
Table 28 - Transmit PCM30 CCS from ST-BUS 2.048 Mbit/s or 8.192 Mbit/s DSTi (E1). . . . . . . . . . . . . . . . . . . . 69
Table 29 - Receive PCM30 CCS to ST-BUS 2.048 Mbit/s or 8.192 Mbit/s CSTo (E1). . . . . . . . . . . . . . . . . . . . . . 70
Table 30 - Receive PCM30 CCS to ST-BUS 2.048 Mbit/s or 8.192 Mbit/s DSTo (E1). . . . . . . . . . . . . . . . . . . . . . 70
Table 31 - CCS (Timeslot 15, 16 & 31) Source and Destination Summary Table (E1) . . . . . . . . . . . . . . . . . . . . . 71
Table 32 - HDLC Related Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
Table 33 - HDLC Frame Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
Table 34 - Framer and Register Access. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Table 35 - Registers Related to IMA Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Table 36 - Reset Status (T1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Table 37 - Reset Status (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Table 38 - Registers Related to Loopbacks (T1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
Table 39 - Registers Related to In Band Loopbacks (T1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
Table 40 - Register Related to Setting Up Loopbacks (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
Table 41 - Error Counters Summary (T1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
Table 42 - Registers Required for Observing and Clearing Error Counters (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . 88
Table 43 - Error Counter and Event Dependency (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
Table 44 - Registers Related to PRBS Testing (T1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
Table 45 - Mu Law Digital Milliwatt Pattern (T1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 91
Table 46 - Alarm Control and Status Bits (T1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 91
Table 47 - Registers Related to Maintenance and Alarms (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93
Table 48 - A-Law Digital Milliwatt Pattern (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More