| 전자부품 데이터시트 검색엔진 |
|
ML7396AB 데이터시트(PDF) 90 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML7396AB 데이터시트(HTML) 90 Page - LAPIS Semiconductor Co., Ltd. |
|
90 / 140 page ![]() FEDL7396A/B/E-07 ML7396A/B/E 90/140 ●TX mode (DIO mode) DIO (TX) mode can be selected by setting DIO_EN ([PLL_MON/DIO_SEL:B0 0x69(1)]) =0b1. In DIO (TX) mode, when issuing TX_ON command, data input to DIO pin (#15) will be transmitted to the air. TX Data following SFD field should be input from host MCU and TX data should be synchronized with DCLK from DCLK pin (#16). After TX completion, TRX_OFF commnand should be issued. TX data request accept completion interrupt (INT[22] or INT[23] group3) notification should be required to start DIO (TX) transmission. Before issuing TX_ON command, writing dummy data to a FIFO to generate TX data request accept completion interrupt. More than 4byte dummy data (excluding Lngth field) is required. [Example: Setting minimum dummy packet] Set CRC_DONE ([FEC/CRC_SEC:B0 0x46(0)]) =0b0, and write 0x00-01-02 (3byte) tp [WR_TX_FIFO:B0 0x7E] register. Note: The first TX data input during DIO (TX) mode. Initial status of DCLK pin (#16) is “L”. Therefore there is no falling edge for the 1st TX data, the 1st TX data should be pre-set to DIO pin (#15) before writing dummy packet. For more details, please refer to the explanation in following page. |