전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML7396AB 데이터시트(PDF) 91 Page - LAPIS Semiconductor Co., Ltd.

부품명 ML7396AB
상세설명  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LAPIS [LAPIS Semiconductor Co., Ltd.]
홈페이지  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB 데이터시트(HTML) 91 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 89Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 90Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
91/140
TX data corresponding to each register setting and DIO input is as below:
[Example] Transmitting prEN 13757-4rev Mode C format A packet (ML7396E)
Case 1: Input TX data at rising edge of DCLK
[Conditions]
[PREAMBLE_SET:B0 0x39] =0x55
[SFD1_SET1:B0 0x3A] =0x55
[SFD1_SET2:B0 0x3B] =0x55
[TX_PB_LEN:B0 0x42] =0x03
[RX_PR_LEN/SFD_LEN:B0 0x43] =0x02
Case 2: Input TX data at falling edge of DCLK
[Conditions]
[PREAMBLE_SET:B0 0x39]=0xAA
[SFD1_SET1:B0 0x3A] =0xAA
[SFD1_SET2:B0 0x3B] =0xAA
[TX_PB_LEN:B0 0x42] =0x03
[RX_PR_LEN/SFD_LEN:B0 0x42] =0x02
PREAMBLE
SyncWord
Data
DIO input
(SyncWord)
DCLK output
DIO input
(Data)
TX data (Air)
Register setting and DIO input
PREAMBLE_SET
(3Byte)
SFD1_SET1
(1Byte)
SFD1_SET2
(1Byte)
0101010101 01010101 01010101 01010101 0101 0100 0011 1101 0101 0100 1100 1101 xxxx ….
Pre-set “L” to DIO pin.
These 2 bits will be transmitted
as 1st bit and 2nd bit.
Sending data following last
3 bytes of SyncWord.
PREAMBLE
SyncWord
PREAMBLE_SET
(3Byte)
SFD1_SET2
(1Byte)
Pre-set “L” to DIO pin.
This bit will be transmitted
as 1st bit
Sending data following last
3 bytes of SyncWord.
101010101 01010101 01010101 01010101 0101 0100 0011 1101 0101 0100 1100 1101 xxxx ….
SFD1_SET1
(1Byte)
Data
DCLK output
TX data (Air)
Register setting and DIO input
DIO input
(SyncWord)
DIO input
(Data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More