전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L476VE 데이터시트(PDF) 61 Page - STMicroelectronics

부품명 STM32L476VE
상세설명  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476VE 데이터시트(HTML) 61 Page - STMicroelectronics

Back Button STM32L476VE Datasheet HTML 57Page - STMicroelectronics STM32L476VE Datasheet HTML 58Page - STMicroelectronics STM32L476VE Datasheet HTML 59Page - STMicroelectronics STM32L476VE Datasheet HTML 60Page - STMicroelectronics STM32L476VE Datasheet HTML 61Page - STMicroelectronics STM32L476VE Datasheet HTML 62Page - STMicroelectronics STM32L476VE Datasheet HTML 63Page - STMicroelectronics STM32L476VE Datasheet HTML 64Page - STMicroelectronics STM32L476VE Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 232 page
background image
DocID025976 Rev 4
61/232
STM32L476xx
Pinouts and pin description
92
-
-
-
-
D4
12
PF2
I/O
FT
-
I2C2_SMBA, FMC_A2,
EVENTOUT
-
-
-
-
-
E4
13
PF3
I/O
FT_a
-
FMC_A3, EVENTOUT
ADC3_IN6
-
-
-
-
F3
14
PF4
I/O
FT_a
-
FMC_A4, EVENTOUT
ADC3_IN7
-
-
-
-
F4
15
PF5
I/O
FT_a
-
FMC_A5, EVENTOUT
ADC3_IN8
---
10
F2
16
VSS
S
-
-
-
-
---
11
G2
17
VDD
S
-
-
-
-
-
-
-
-
-
18
PF6
I/O
FT_a
-
TIM5_ETR, TIM5_CH1,
SAI1_SD_B, EVENTOUT
ADC3_IN9
-
-
-
-
-
19
PF7
I/O
FT_a
-
TIM5_CH2,
SAI1_MCLK_B,
EVENTOUT
ADC3_IN10
-
-
-
-
-
20
PF8
I/O
FT_a
-
TIM5_CH3, SAI1_SCK_B,
EVENTOUT
ADC3_IN11
-
-
-
-
-
21
PF9
I/O
FT_a
-
TIM5_CH4, SAI1_FS_B,
TIM15_CH1, EVENTOUT
ADC3_IN12
-
-
-
-
-
22
PF10
I/O
FT_a
-
TIM15_CH2, EVENTOUT
ADC3_IN13
5D9 D9
12
F1
23
PH0-OSC_IN
(PH0)
I/O
FT
-
EVENTOUT
OSC_IN
6D8 D8
13
G1
24
PH1-OSC_OUT
(PH1)
I/O
FT
-
EVENTOUT
OSC_OUT
7
E9 E9
14
H2
25
NRST
I/O
RST
-
-
-
8
F9 F9
15
H1
26
PC0
I/O
FT_fla
-
LPTIM1_IN1, I2C3_SCL,
DFSDM_DATIN4,
LPUART1_RX,
LCD_SEG18,
LPTIM2_IN1, EVENTOUT
ADC123_
IN1
9
F8 F8
16
J2
27
PC1
I/O
FT_fla
-
LPTIM1_OUT, I2C3_SDA,
DFSDM_CKIN4,
LPUART1_TX,
LCD_SEG19, EVENTOUT
ADC123_
IN2
10 F7 F7
17
J3
28
PC2
I/O
FT_la
-
LPTIM1_IN2, SPI2_MISO,
DFSDM_CKOUT,
LCD_SEG20, EVENTOUT
ADC123_
IN3
11 G7 G7 18
K2
29
PC3
I/O
FT_a
-
LPTIM1_ETR,
SPI2_MOSI, LCD_VLCD,
SAI1_SD_A,
LPTIM2_ETR, EVENTOUT
ADC123_
IN4
-
-
-
19
-
30
VSSA
S
-
-
-
-
Table 15. STM32L476xxSTM32L476xx pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More