| 전자부품 데이터시트 검색엔진 |
|
STM32L476VE 데이터시트(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L476VE 데이터시트(HTML) 70 Page - STMicroelectronics |
|
70 / 232 page ![]() Pinouts and pin description STM32L476xx 70/232 DocID025976 Rev 4 --- 82 B9 115 PD1 I/O FT - SPI2_SCK, DFSDM_CKIN7, CAN1_TX, FMC_D3, EVENTOUT - 54 A3 A3 83 C8 116 PD2 I/O FT_l - TIM3_ETR, USART3_RTS_DE, UART5_RX, TSC_SYNC, LCD_COM7/LCD_SEG31/ LCD_SEG43, SDMMC1_CMD, EVENTOUT - --- 84 B8 117 PD3 I/O FT - SPI2_MISO, DFSDM_DATIN0, USART2_CTS, FMC_CLK, EVENTOUT - - - E5 85 B7 118 PD4 I/O FT - SPI2_MOSI, DFSDM_CKIN0, USART2_RTS_DE, FMC_NOE, EVENTOUT - - - D4 86 A6 119 PD5 I/O FT - USART2_TX, FMC_NWE, EVENTOUT - --- - - 120 VSS S - - - - -- E4 - - 121 VDD S - - - - - - D5 87 B6 122 PD6 I/O FT - DFSDM_DATIN1, USART2_RX, FMC_NWAIT, SAI1_SD_A, EVENTOUT - - - D6 88 A5 123 PD7 I/O FT - DFSDM_CKIN1, USART2_CK, FMC_NE1, EVENTOUT - - A4 A4 - D9 124 PG9 I/O FT_s - SPI3_SCK, USART1_TX, FMC_NCE3/FMC_NE2, SAI2_SCK_A, TIM15_CH1N, EVENTOUT - - B4 B4 - D8 125 PG10 I/O FT_s - LPTIM1_IN1, SPI3_MISO, USART1_RX, FMC_NE3, SAI2_FS_A, TIM15_CH1, EVENTOUT - - C4 C4 - G3 126 PG11 I/O FT_s - LPTIM1_IN2, SPI3_MOSI, USART1_CTS, SAI2_MCLK_A, TIM15_CH2, EVENTOUT - Table 15. STM32L476xxSTM32L476xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |