| 전자부품 데이터시트 검색엔진 |
|
STM32L476VE 데이터시트(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L476VE 데이터시트(HTML) 23 Page - STMicroelectronics |
|
23 / 232 page ![]() Stop 1 LPR No Off ON LSE LSI BOR, PVD, PVM RTC, LCD,IWDG COMPx (x=1,2) DACx (x=1,2) OPAMPx (x=1,2) USARTx (x=1...5)(6) LPUART1(6) I2Cx (x=1...3)(7) LPTIMx (x=1,2) *** All other peripherals are frozen. Reset pin, all I/Os BOR, PVD, PVM RTC, LCD,IWDG COMPx (x=1..2) USARTx (x=1...5)(6) LPUART1(6) I2Cx (x=1...3)(7) LPTIMx (x=1,2) OTG_FS(8) SWPMI1(9) 6.6 µA w/o RTC 6.9 µA w RTC 4 µs in SRAM 6 µs in Flash Stop 2 LPR No Off ON LSE LSI BOR, PVD, PVM RTC, LCD,IWDG COMPx (x=1..2) I2C3(7) LPUART1(6) LPTIM1 *** All other peripherals are frozen. Reset pin, all I/Os BOR, PVD, PVM RTC, LCD,IWDG COMPx (x=1..2) I2C3(7) LPUART1(6) LPTIM1 1.1 µA w/o RTC 1.4 µA w/RTC 5 µs in SRAM 7 µs in Flash Table 4. STM32L476 modes overview (continued) Mode Regulator (1) CPU Flash SRAM Clocks DMA & Peripherals(2) Wakeup source Consumption(3) Wakeup time |