| 전자부품 데이터시트 검색엔진 |
|
STM32L476VE 데이터시트(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L476VE 데이터시트(HTML) 62 Page - STMicroelectronics |
|
62 / 232 page ![]() Pinouts and pin description STM32L476xx 62/232 DocID025976 Rev 4 --- 20 - 31 VREF- S - - - - 12 G9 G9 - J1 - VSSA/VREF- - - - - - -G8 G8 21 L1 32 VREF+ S - - - VREFBUF_ OUT - H9 H9 22 M1 33 VDDA S - - - - 13 - - - - - VDDA/VREF+ S - - - - 14 H8 H8 23 L2 34 PA0 I/O FT_a - TIM2_CH1, TIM5_CH1, TIM8_ETR, USART2_CTS, UART4_TX, SAI1_EXTCLK, TIM2_ETR, EVENTOUT OPAMP1_ VINP, ADC12_IN5, RTC_TAMP 2/WKUP1 --- - M3 - OPAMP1_VINM I TT - - - 15 G4 G4 24 M2 35 PA1 I/O FT_la - TIM2_CH2, TIM5_CH2, USART2_RTS_DE, UART4_RX, LCD_SEG0, TIM15_CH1N, EVENTOUT OPAMP1_ VINM, ADC12_IN6 16 G6 G6 25 K3 36 PA2 I/O FT_la - TIM2_CH3, TIM5_CH3, USART2_TX, LCD_SEG1, SAI2_EXTCLK, TIM15_CH1, EVENTOUT ADC12_IN7, WKUP4/ LSCO 17 H7 H7 26 L3 37 PA3 I/O TT - TIM2_CH4, TIM5_CH4, USART2_RX, LCD_SEG2, TIM15_CH2, EVENTOUT OPAMP1_ VOUT, ADC12_IN8 18 J9 J9 27 E3 38 VSS S - - - - 19 J8 J8 28 H3 39 VDD S - - - - 20 G5 G5 29 J4 40 PA4 I/O TT_a - SPI1_NSS, SPI3_NSS, USART2_CK, SAI1_FS_B, LPTIM2_OUT, EVENTOUT ADC12_ IN9, DAC1_ OUT1 21 H6 H6 30 K4 41 PA5 I/O TT_a - TIM2_CH1, TIM2_ETR, TIM8_CH1N, SPI1_SCK, LPTIM2_ETR, EVENTOUT ADC12_ IN10, DAC1_ OUT2 22 H5 H5 31 L4 42 PA6 I/O FT_la - TIM1_BKIN, TIM3_CH1, TIM8_BKIN, SPI1_MISO, USART3_CTS, QUADSPI_BK1_IO3, LCD_SEG3, TIM1_BKIN_COMP2, TIM8_BKIN_COMP2, TIM16_CH1, EVENTOUT OPAMP2_ VINP, ADC12_ IN11 Table 15. STM32L476xxSTM32L476xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |