| 전자부품 데이터시트 검색엔진 |
|
STM32L476VE 데이터시트(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L476VE 데이터시트(HTML) 67 Page - STMicroelectronics |
|
67 / 232 page ![]() DocID025976 Rev 4 67/232 STM32L476xx Pinouts and pin description 92 --- 59 J10 81 PD12 I/O FT_l - TIM4_CH1, USART3_RTS_DE, TSC_G6_IO3, LCD_SEG32, FMC_A17, SAI2_FS_A, LPTIM2_IN1, EVENTOUT - - - - 60 H12 82 PD13 I/O FT_l - TIM4_CH2, TSC_G6_IO4, LCD_SEG33, FMC_A18, LPTIM2_OUT, EVENTOUT - --- - - 83 VSS S - - - - --- - - 84 VDD S - - - - - - - 61 H11 85 PD14 I/O FT_l - TIM4_CH3, LCD_SEG34, FMC_D0, EVENTOUT - - - - 62 H10 86 PD15 I/O FT_l - TIM4_CH4, LCD_SEG35, FMC_D1, EVENTOUT - - - - - G10 87 PG2 I/O FT_s - SPI1_SCK, FMC_A12, SAI2_SCK_B, EVENTOUT - - - - - F9 88 PG3 I/O FT_s - SPI1_MISO, FMC_A13, SAI2_FS_B, EVENTOUT - - - - - F10 89 PG4 I/O FT_s - SPI1_MOSI, FMC_A14, SAI2_MCLK_B, EVENTOUT - - - - - E9 90 PG5 I/O FT_s - SPI1_NSS, LPUART1_CTS, FMC_A15, SAI2_SD_B, EVENTOUT - - - - - G4 91 PG6 I/O FT_s - I2C3_SMBA, LPUART1_RTS_DE, EVENTOUT - - - - - H4 92 PG7 I/O FT_fs - I2C3_SCL, LPUART1_TX, FMC_INT3, EVENTOUT - - - - - J6 93 PG8 I/O FT_fs - I2C3_SDA, LPUART1_RX, EVENTOUT - --- - - 94 VSS S - - - - --- - - 95 VDDIO2 S - - - - Table 15. STM32L476xxSTM32L476xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |