| 전자부품 데이터시트 검색엔진 |
|
STM32L476VE 데이터시트(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L476VE 데이터시트(HTML) 68 Page - STMicroelectronics |
|
68 / 232 page ![]() Pinouts and pin description STM32L476xx 68/232 DocID025976 Rev 4 37 F3 F3 63 E12 96 PC6 I/O FT_l - TIM3_CH1, TIM8_CH1, DFSDM_CKIN3, TSC_G4_IO1, LCD_SEG24, SDMMC1_D6, SAI2_MCLK_A, EVENTOUT - 38 F1 F1 64 E11 97 PC7 I/O FT_l - TIM3_CH2, TIM8_CH2, DFSDM_DATIN3, TSC_G4_IO2, LCD_SEG25, SDMMC1_D7, SAI2_MCLK_B, EVENTOUT - 39 F2 F2 65 E10 98 PC8 I/O FT_l - TIM3_CH3, TIM8_CH3, TSC_G4_IO3, LCD_SEG26, SDMMC1_D0, EVENTOUT - 40 E1 E1 66 D12 99 PC9 I/O FT_l - TIM8_BKIN2, TIM3_CH4, TIM8_CH4, TSC_G4_IO4, OTG_FS_NOE, LCD_SEG27, SDMMC1_D1, SAI2_EXTCLK, TIM8_BKIN2_COMP1, EVENTOUT - 41 E2 E2 67 D11 100 PA8 I/O FT_l - MCO, TIM1_CH1, USART1_CK, OTG_FS_SOF, LCD_COM0, LPTIM2_OUT, EVENTOUT - 42 E3 E3 68 D10 101 PA9 I/O FT_lu - TIM1_CH2, USART1_TX, LCD_COM1, TIM15_BKIN, EVENTOUT OTG_FS_ VBUS 43 D2 D2 69 C12 102 PA10 I/O FT_lu - TIM1_CH3, USART1_RX, OTG_FS_ID, LCD_COM2, TIM17_BKIN, EVENTOUT - 44 D1 D1 70 B12 103 PA11 I/O FT_u - TIM1_CH4, TIM1_BKIN2, USART1_CTS, CAN1_RX, OTG_FS_DM, TIM1_BKIN2_COMP1, EVENTOUT - Table 15. STM32L476xxSTM32L476xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |