| 전자부품 데이터시트 검색엔진 |
|
STM32L476VE 데이터시트(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L476VE 데이터시트(HTML) 71 Page - STMicroelectronics |
|
71 / 232 page ![]() DocID025976 Rev 4 71/232 STM32L476xx Pinouts and pin description 92 - C5 C5 - D7 127 PG12 I/O FT_s - LPTIM1_ETR, SPI3_NSS, USART1_RTS_DE, FMC_NE4, SAI2_SD_A, EVENTOUT - - B5 B5 - C7 128 PG13 I/O FT_fs - I2C1_SDA, USART1_CK, FMC_A24, EVENTOUT - - A5 A5 - C6 129 PG14 I/O FT_fs - I2C1_SCL, FMC_A25, EVENTOUT - --- - F7 130 VSS S - - - - - B6 B6 - G7 131 VDDIO2 S - - - - - - - - K1 132 PG15 I/O FT_s - LPTIM1_OUT, I2C1_SMBA, EVENTOUT - 55 A6 A6 89 A8 133 PB3 (JTDO- TRACESWO) I/O FT_la (3) JTDO-TRACESWO, TIM2_CH2, SPI1_SCK, SPI3_SCK, USART1_RTS_DE, LCD_SEG7, SAI1_SCK_B, EVENTOUT COMP2_ INM 56 C6 C6 90 A7 134 PB4 (NJTRST) I/O FT_la (3) NJTRST, TIM3_CH1, SPI1_MISO, SPI3_MISO, USART1_CTS, UART5_RTS_DE, TSC_G2_IO1, LCD_SEG8, SAI1_MCLK_B, TIM17_BKIN, EVENTOUT COMP2_ INP 57 C7 C7 91 C5 135 PB5 I/O FT_la - LPTIM1_IN1, TIM3_CH2, I2C1_SMBA, SPI1_MOSI, SPI3_MOSI, USART1_CK, UART5_CTS, TSC_G2_IO2, LCD_SEG9, COMP2_OUT, SAI1_SD_B, TIM16_BKIN, EVENTOUT - 58 B7 B7 92 B5 136 PB6 I/O FT_fa - LPTIM1_ETR, TIM4_CH1, TIM8_BKIN2, I2C1_SCL, DFSDM_DATIN5, USART1_TX, TSC_G2_IO3, TIM8_BKIN2_COMP2, SAI1_FS_B, TIM16_CH1N, EVENTOUT COMP2_ INP Table 15. STM32L476xxSTM32L476xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |