전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L476VE 데이터시트(PDF) 230 Page - STMicroelectronics

부품명 STM32L476VE
상세설명  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476VE 데이터시트(HTML) 230 Page - STMicroelectronics

Back Button STM32L476VE Datasheet HTML 224Page - STMicroelectronics STM32L476VE Datasheet HTML 225Page - STMicroelectronics STM32L476VE Datasheet HTML 226Page - STMicroelectronics STM32L476VE Datasheet HTML 227Page - STMicroelectronics STM32L476VE Datasheet HTML 228Page - STMicroelectronics STM32L476VE Datasheet HTML 229Page - STMicroelectronics STM32L476VE Datasheet HTML 230Page - STMicroelectronics STM32L476VE Datasheet HTML 231Page - STMicroelectronics STM32L476VE Datasheet HTML 232Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 230 / 232 page
background image
Revision history
STM32L476xx
230/232
DocID025976 Rev 4
9
Revision history
Table 115. Document revision history
Date
Revision
Changes
29-May-2015
1
Initial release.
15-Jun-2015
2
Updated Table 1: Device summary and Table 72: COMP
characteristics.
18-Sep-2015
3
Changed alternate function pin name “SWDAT” into
“SWDIO” in all the document.
Updated Section 3.9.1: Power supply schemes.
Updated Section 3.15.1: Temperature sensor.
In all Section 6: Electrical characteristics, renamed table
footnotes related to test and characterization.
Added Note 2.
Updated Table 41: Low-power mode wakeup timings.
Updated Table 42: Regulator modes transition times.
Updated Table 47: HSI16 oscillator characteristics.
Added Table 20: HSI16 frequency versus temperature.
Updated Table 48: MSI oscillator characteristics.
Updated Table 49: LSI oscillator characteristics.
Updated Table 57: I/O current injection susceptibility.
Removed first Note in Table 58: I/O static
characteristics.
Removed second Note in Table 59: Output voltage
characteristics.
Updated Table 63: ADC characteristics.
Updated Table 65: ADC accuracy - limited test
conditions 1.
Added Table 66: ADC accuracy - limited test conditions
2.
Added Table 67: ADC accuracy - limited test conditions
3.
Added Table 68: ADC accuracy - limited test conditions
4.
Updated Table 70: DAC accuracy.
Updated Table 71: VREFBUF characteristics.
Added Section 6.3.25: DFSDM characteristics.
Updated Section : Quad SPI characteristics.
Updated Table 84: Quad SPI characteristics in SDR
mode.
Updated Table 85: QUADSPI characteristics in DDR
mode.
Updated Table 89: USB electrical characteristics.
Updated Section 7.2: UFBGA132 package information.
Updated Section 7.5: WLCSP72 package information.
Updated Table 66: LQFP64 marking (package top view).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More