전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5205 데이터시트(PDF) 2 Page - First Components International

부품명 CS5205
상세설명  5A Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

CS5205 데이터시트(HTML) 2 Page - First Components International

  CS5205 Datasheet HTML 1Page - First Components International CS5205 Datasheet HTML 2Page - First Components International CS5205 Datasheet HTML 3Page - First Components International CS5205 Datasheet HTML 4Page - First Components International CS5205 Datasheet HTML 5Page - First Components International CS5205 Datasheet HTML 6Page - First Components International CS5205 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Electrical Characteristics(Note 1)
Electrical Characteristics at I
=0 mA and T =+25
unless otherwise specified.
LOAD
J
The * denotes the specifications which apply over the full temperature range.
Note 1:Unless otherwise specified
V
=
V
. For CS5205(adj)
V
= 0V
out
sense
adj
Note 2:For the adjustable device the minimum load current is the minimum current required to maintain regulation. Normally
the current in the resistor divider used to set the output voltage is selected to meet the minimum load current requirement.
Note 3:The control pin current is the drive current required for the output transistor. This current will track output current
with a ratio of about 1:100.
Note 4:The dropout voltage for the CS5205 is caused by either minimum control voltage or minimum power voltage.
The specifications represent the minimum input/output voltage required to maintain 1% regulation.
Parameter
Device
Min
Max
Units
Typ
Test Conditions
Reference Voltage
V
2.75V,V
2V,
I
=10mA
CONTROL
=
POWER
=
LOAD
V
2.7V to 15V,
CONTROL
=
V
3.3V to 5.5V,
ILOAD=10mA to5 A
POWER
=
V
=4V,
V
=2V
CONTROL
POWER
V
=3V,
V
=2.3V,
I
=0mA to5 A
CONTROL
POWER
LOAD
V
=5V,
V
=3.3V
CONTROL
POWER
V
=4V,
V
=3.3V,
I
=0mA to5A
CONTROL
POWER
LOAD
V
=6V,
V
=4V
CONTROL
POWER
V
=5V,
V
=4.3V,
=0mA to5 A
CONTROL
POWER
ILOAD
V
=5.5V,
V
=3.5V
CONTROL
POWER
V
=4.5V,
V
=3.8V,
I
=0mA to5 A
CONTROL
POWER
LOAD
V
=7.5V,
V
=5.5V
CONTROL
POWER
V
=6.5V,
V
=5.8V,
I
=0mA to5 A
CONTROL
POWER
LOAD
I
=10mA,(1.5V+
V
)
V
15V,
LOAD
OUT
CONTROL
0.8V
(
V
-
V
)
5.5V
POWER
OUT
V
=
V
+2.5V,
V
=
V
+0.8V,
CONTROL
OUT
POWER
OUT
I
=10mA to 1A
LOAD
V
=
V
+2.5V,
V
=
V
+0.8V,
CONTROL
OUT
POWER
OUT
IL
=10mA to 5 A
OAD
V
=
V
+2.5V,
V
=
V
+0.8V,
CONTROL
OUT
POWER
OUT
I
=10mA to 5A
LOAD
V
=2.75V,
V
=2.05V,
CONTROL
POWER
I
=10mA
LOAD
V
=
V
=
V
+2.5V,
V
=1
V
CONTROL
POWER
OUT
RIPPLE
P-P
,
I
=2.5A
LOAD
V
=
V
+0.8V,
I
=10mA
POWER
OUT
LOAD
V
=
V
+0.8V,
I
=5A
POWER
OUT
LOAD
V
=
V
+2.5V,
I
=10mA
POWER
OUT
LOAD
V
=
V
+2.5V,
I
=5A
POWER
OUT
LOAD
(
V -V
)=3V
IN
OUT
V
=5V,
V
=3.3V,
V
=0V
CONTROL
POWER
ADJ
V
=5.8V,
V
=3.8V
CONTROL
POWER
V
=4.8V,
V
=4.1V,
I
=0mA to5 A
CONTROL
POWER
LOAD
V
=5.35V,
V
3.35V
CONTROL
POWER
=
V
=4.4V,
V
3.7V,
I
=0mAto5 A
CONTROL
POWER
=
LOAD
CS5205
CS5205
-1.5
CS5205
-2.5
CS5205
-2.85
CS5205
-3.0
CS5205
-3.3
CS5205
-3.5
CS5205
-5.0
All
All
All
All
All
All
All
CS5205
1.238
1.250
1.262
1.230
1.250
1.270
1.485
1.475
1.500
1.500
1.515
1.525
2.475
2.460
2.500
2.500
2.525
2.540
2.821
2.805
2.850
2.850
2.879
2.895
2.970
2.950
3.000
3.000
3.030
3.050
3.267
3.247
3.300
3.300
3.333
3.353
3.465
3.445
3.500
3.500
3.535
3.555
4.950
4.920
5.000
5.000
0.04
0.20
0.08
0.40
5
80
10
135
6
10
50
120
6.8
80
0.003
1.00
1.15
1.15
1.30
0.10
0.55
0.17
0.70
5.050
5.080
5.5
60
CS5205
CS5205 TA=25 ,30ms pulse
Note 4
CS5205-1.5/
-2.5/-2.85
-3.0/-3.3/-3.5
-5.0
Output Voltage
Line Regulation
Load Regulation
Minimum Load
Current (Note 2)
Control Pin Current
(Note 3)
Ground Pin Current
Adjust Pin Current
Current Limit
Ripple Rejection
Thermal Regulation
Dropout Voltage
Control lnput
(V
- V
)
CONTROL
OUT
Power lnput
(V
- V
)
POWER
OUT
*
V
V
V
V
V
V
V
V
V
V
%
%
mA
mA
A
mA
A
dB
%/W
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
CS-5205 5A Low Dropout Positive Voltage Regulator



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com