전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5205 데이터시트(PDF) 3 Page - First Components International

부품명 CS5205
상세설명  5A Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

CS5205 데이터시트(HTML) 3 Page - First Components International

  CS5205 Datasheet HTML 1Page - First Components International CS5205 Datasheet HTML 2Page - First Components International CS5205 Datasheet HTML 3Page - First Components International CS5205 Datasheet HTML 4Page - First Components International CS5205 Datasheet HTML 5Page - First Components International CS5205 Datasheet HTML 6Page - First Components International CS5205 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pin Functions (5-Lead)
Block Diagram
Sense (Pin 1): This pin is the positive side of the
reference voltage. With this pin it is possible to Kelvin
Sense the output voltage at the load.
Adjust (Pin 2): This pin is the negative side of the
reference voltage. Adding a small bypass capacitor from
the Adjust pin to ground improves the transient response.
For fixed voltage devices the Adjust pin is also brought
out to allow the user to add a bypass capacitor.
GND (Pin 2): For fixed voltage device this is the bottom
of the resistor divider that sets the output voltage.
V
(Pin 5): This pin is the collector of the power
POWER
transistor.
The output load current is supplied through this
pin.
The voltage at this pin must be 0.5V greater than the
output voltage for the device to regulate.
V
(Pin 4): This pin is the supply pin for the control
CONTROL
circuitry. The current flow into this pin will be about 1% of
the output current.
The voltage at this pin must be 1.3V
greater than the output voltage for the device to regulate.
Output (Pin 3): This is the power output of the device.
3
V CONTROL
V OUT
SENCE
FOR FIXED
VOLTAGE
voltage
For adjustable
DEVICE
device
GND
ADJ
+
-
V POWER
CS-5205 5A Low Dropout Positive Voltage Regulator



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com