전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5205 데이터시트(PDF) 1 Page - First Components International

부품명 CS5205
상세설명  5A Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

CS5205 데이터시트(HTML) 1 Page - First Components International

  CS5205 Datasheet HTML 1Page - First Components International CS5205 Datasheet HTML 2Page - First Components International CS5205 Datasheet HTML 3Page - First Components International CS5205 Datasheet HTML 4Page - First Components International CS5205 Datasheet HTML 5Page - First Components International CS5205 Datasheet HTML 6Page - First Components International CS5205 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CS-5205 5A Low Dropout Positive Voltage Regulator
1
The CS-5205 series of positive adjustable
and fixed regulators are designed to provide 5A
with higher efficiency than currently available
devices. All internal circuitry is designed to
operate down to 500 mV input to output
differential and the dropout voltage is fully
specified as a function of load current.
Dropout voltage of the device is 100 mV at
light loads and rising to 500 mV at maximum
output current. A second low current input is
required to achieve this dropout. The CS5205
can also be used as single supply device
(3 pin version).
On-chip trimming adjusts the
reference voltage to 1%.
Current limit is also
trimmed, minimizing the stress on both the
regulator and power source circuitry under
overload conditions.
The CS-5205 series are ideal to power the next
generation of advanced microprocessor on mother-
bords where both 5V and 3.3Vsupplies are available.
Adjustable or Fixed Output.
Output Current of 5A.
Low Dropout, 500 mV at 5A Output Current.
0.015% Line Regulation.
0.01% Load Regulation.
100% Thermal Limit Burn-ln.
Fast Transient Response.
Remote Sense.
FEATURES
Sym bol
PD
VIN
TJ
TSTG
TLEAD
Storage Temperature
Lead Temperature(Soldering, 10 sec)
-65 to 150
300
Units
W
V
Parameter
Power Dissipation
Input Voltage
Vpower
Vcontrol
Operating Junction Temperature Range
Control Section
Power Transistor
Maximum
Internally Limited
7
17
0 to 125
0 to 150
Absolute Maximum Ratings
DESCRIPTION
3
2
1
FRONT VIEW
T0-263
IN
OUT
ADJ/GND
TAB IS
VOUT
3
2
1
FRONT VIEW
3 LEAD TO-220
VIN
VOUT
ADJ/GND
5
4
3
2
1
FRONT VIEW
5 LEAD TO-220
VPOWER
VCONTROL
ADJUST/GND
SENSE
OUTPUT
5V
3.3V
2.5V@5A
R1
124
1%
R2
124
1%
0.1
F
5V
100
F
5V
10
F
10V
300
F
5V
Typical application data
2.5V,5A regulator
Load
VCONTROL
VPOWER
V
=V
(1+R2/R1)+I
R2
OUT
REF
ADJ
V SENSE
VOUT
CS5205
Adjust


유사한 부품 번호 - CS5205

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS5205-1 CHERRY-CS5205-1 Datasheet
163Kb / 7P
5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
Rev. 6/12/97
logo
ON Semiconductor
CS5205-1 ONSEMI-CS5205-1 Datasheet
245Kb / 9P
5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006??Rev. 8
logo
Cherry Semiconductor Co...
CS5205-1GDP3 CHERRY-CS5205-1GDP3 Datasheet
163Kb / 7P
5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
Rev. 6/12/97
logo
ON Semiconductor
CS5205-1GDP3 ONSEMI-CS5205-1GDP3 Datasheet
245Kb / 9P
5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006??Rev. 8
logo
Cherry Semiconductor Co...
CS5205-1GDPR3 CHERRY-CS5205-1GDPR3 Datasheet
163Kb / 7P
5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
Rev. 6/12/97
More results

유사한 설명 - CS5205

제조업체부품명데이터시트상세설명
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084 Datasheet
140Kb / 6P
5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXE3 CYSTEKEC-PL1084-XXXE3 Datasheet
168Kb / 4P
5A Low Dropout Positive Voltage Regulator
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
5A Low Dropout Positive Voltage Regulator
TS1084 TSC-TS1084_09 Datasheet
278Kb / 8P
5A Low Dropout Positive Voltage Regulator
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084A-XXXF3 CYSTEKEC-PL1084A-XXXF3 Datasheet
293Kb / 6P
5A Low Dropout Positive Voltage Regulator
PL1084-XXXJ3 CYSTEKEC-PL1084-XXXJ3 Datasheet
267Kb / 6P
5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
TS1084CM ETC2-TS1084CM Datasheet
146Kb / 6P
5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com