전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5205 데이터시트(PDF) 7 Page - First Components International

부품명 CS5205
상세설명  5A Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

CS5205 데이터시트(HTML) 7 Page - First Components International

  CS5205 Datasheet HTML 1Page - First Components International CS5205 Datasheet HTML 2Page - First Components International CS5205 Datasheet HTML 3Page - First Components International CS5205 Datasheet HTML 4Page - First Components International CS5205 Datasheet HTML 5Page - First Components International CS5205 Datasheet HTML 6Page - First Components International CS5205 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
ORDER INFORMATION
Device
CS5205T
CS5205T
CS5201DP
1
CS5205ST-1.5
CS5205T1-1.5
CS5205DP-1.5
CS5205T-2.5
CS5205T -2.5
CS5205DP-2.5
1
CS5205T-2.85
CS5205T -2.85
CS5205DP-2.85
1
CS5205T-3
CS5205T1-3
CS5205DP-3
CS5205T-3.3
CS5205T1-3.3
CS5205DP-3.3
CS5205T-3.5
CS5205T1-3.5
CS5205DP-3.5
CS5205T-5
CS5205T1-5
CS5205DP-5
TO-220
TO-220-5
TO-263
TO-220
TO-220-5
TO-263
TO-220
TO-220-5
TO-263
TO-220
TO-220-5
TO-263
TO-220
TO-220-5
TO-263
TO-220
TO-220-5
TO-263
TO-220
TO-220-5
TO-263
TO-220
TO-220-5
TO-263
Adj
Adj
Adj
1.5V
1.5V
1.5V
2.5V
2.5V
2.5V
2.85V
2.85V
2.85V
3V
3V
3V
3.3V
3.3V
3.3V
3.5V
3.5V
3.5V
5V
5V
5V
Output Voltage
Package
CS-5205 5A Low Dropout Positive Voltage Regulator



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com