전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5205 데이터시트(PDF) 5 Page - First Components International

부품명 CS5205
상세설명  5A Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

CS5205 데이터시트(HTML) 5 Page - First Components International

  CS5205 Datasheet HTML 1Page - First Components International CS5205 Datasheet HTML 2Page - First Components International CS5205 Datasheet HTML 3Page - First Components International CS5205 Datasheet HTML 4Page - First Components International CS5205 Datasheet HTML 5Page - First Components International CS5205 Datasheet HTML 6Page - First Components International CS5205 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
In order to meet the transient performance of the p ocessor
larger value capacitors are needed.
To limit the high
frequency noise generated by the p ocessor high quality
bypass capacitors must be used. In order to limit parasitic
inductance (ESL) and resistance (ESR) in capacitors to
acceptable limits, multiple small ceramic capacitor in
addition to high quality solid tantalum capacitors are
required.
When the adjustment terminal is bypassed to improve
the ripple rejection, the requirement for an output
capacitor increases. The Adjust pin is brought out on the
fixed voltage device specifically to allow this capability.
To further improve stability and transient response of
these devices large values of output capacitor can be
used.
The modern processors generate large high frenquency
current transients.
r
r
The CS-5205(adjustable version) develops a 1.25V
reference voltage between the Sense pin and the Adjust
pin (Figure 5).
Placing a resistor between these two
terminals causes a constant current to flow through R1
and down thouth R2 to set the output voltage. In general
R1 is chosen so that this current is the specified minimum
load current of 10 mA. The current out of the Adjust pin is
small, typically 50
A and it adds to the current from R1.
For best regulation the top of the resistor divider should
be connected directly to the Sense pin.
The load current step contains higher order frequency
components than the output coupling network must
handle until the regulator throttles to the load current
level.
Because they contain parasitic resistance and
inductance, capacitors are not ideal elements.
These
parasitic elements dominate the change in output voltage
at the beginning of a transient load step change. The
ESR of the output capacitors produces an instantaneous
step in output voltage
V=
I(ESR). The ESL of the
output capacitors produces a droop proportional to the
rate of change of the output current V=L(
) The
output capacitance produces a change in output voltage
proportional to the time until the regulator can respond
V=
t(
I/C).
Figure 4 illustrates these transient
effects.
I/
t
Output Voltage
If CS-5205 is connected as a single supply device with the
control and power input pins shorted together the internal
diode between the output and the power input pin will
protect the control input pin.
The CS-5205 series have internal power and thermal
limiting circuitry designed to protect the device under
overload conditions.
However maximum junction
temperature ratings should not be exceeded under
continuous normal load conditions. Careful consideration
must be given to all sources of thermal resistance from
junction to ambient, including junction-to-case, case-to-
heat sink interface and heat sink resistance itself.
Junction temperature of the Control section can run up to
125
.
Junction temperature of the Power section can
run up to 150
. Due to the thermal gradients between the
power transistor and the control circuitry there is a signi-
ficant difference in thermal resistance between the Control
and Power sections.
Virtually all the power dissipated by the device is dissipated
in the power transistor. The temperature rise in the power
transistor will be greater than the temperature rise in the
Control section making the thermal resistance lower in the
control section. At power levels below 12W the temperature
gradient will be less than 25
and the maximum ambient
temperature will be determined by the junction temperature
of the Control section.
Thermal Considerations
CS-5205 5A Low Dropout Positive Voltage Regulator
ESR
CAPACITANCE
SLOPE.V/t=/C
POINT AT WHICH REGU
ATOR
TAKES CONTROL
ESL
EFFECTS
EFFECTS
EFFECTS
Figure 4
CONTROL
R2
R1
VOUT
VCONTROL
VPOWER
Cs5205
ADJ
POWER
OUTPUT
SENSE
Figure 5. Setting Output Voltage
V
=
V
(1+R2/R1)+
I
R2
ADJ
OUT
REF
IADJ
50
A
VREF
V
=V
(1+R2/R1)+I
R2
ADJ
OUT
REF
CONTROL
R2
R1
D1
D2
VOUT
VCONTROL
VPOWER
CS5205
ADJ
POWER
OUTPUT
SENSE
Figure 6. Optional Clamp Diodes Protect Against Input
CrowbarC ircuits
+
+
+
In normal operation CS-5205 family does not need any
protection diodes between the adjustment pin and the
output and from the output to the input to prevent die
overstress.
Internal resistors are limiting the internal
current paths on the ADJ pin. Therefore even with bypass
capacitors on the adjust pin no protection diode is
needed to ensure device safety under short-circuit
conditions. The Adjust pin can be driver on a transient
basis
7V with respect to the output without any device
degradation.
A protection diode between the Output pin and VPOWER
pin is not usually needed. Microsecond surge currents of
50A to 100A can be handled by the internal diode
between the Output pin and
In normal operations it is difficult to get those values of
surge currents even with the use of large output
capacitances.
Only with high value output capacitors,
such as 1000
F
to 5000
F and the
V
pin of the device.
POWER
V
pin is
POWER
instantaneously shorted to ground, damage can occour.
A diode from output to input is recommended (Figure 6).
Protection Diodes



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com