전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5205 데이터시트(PDF) 6 Page - First Components International

부품명 CS5205
상세설명  5A Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

CS5205 데이터시트(HTML) 6 Page - First Components International

  CS5205 Datasheet HTML 1Page - First Components International CS5205 Datasheet HTML 2Page - First Components International CS5205 Datasheet HTML 3Page - First Components International CS5205 Datasheet HTML 4Page - First Components International CS5205 Datasheet HTML 5Page - First Components International CS5205 Datasheet HTML 6Page - First Components International CS5205 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
For most low dropout applications the power dissipation
will be less than 12W.
The power in the device is made up of two components:
the power in the output transistor and the power in the
control circuit.
The power in the control circuit is negligible.
The power in the control circuit is equal to:
PCONTROL=(VCONTROL - VOUT)(ICONTROL)
where ICONTROL is equal IOUT/100(typ)
The power in the output transistor is equal to:
POUTPUT=(VPOWER-VOUT)(IOUT)
CS-5205 5A Low Dropout Positive Voltage Regulator
The total power is equal to:
PTOTAL=PCONTROL+POUTPUT
Junction-to-case thermal resistance is specified from the IC
junction to the bottom of the case directly below the die.
This is the lowest resistance path for the heat flow. In order
to ensure the best possible thermal flow this area of the
package to the heat sink proper mounting is required.
Thermal compound at the case-to-heat sink interface is
recommended. A thermally conductive spacer can be used,
if the case of the device must be electrically isolated, but
its added contribution to thermal resistance has to be
considered.
This is due to the lower maximum junction temperature
in the control section. At power levels above 12W the
temperature gradient will be greater than 25C and the
maximum ambient temperature will be determined by
the power section. In both cases the jumction temperature
is determined by the total power dissipated in the device.



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com