전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5205 데이터시트(PDF) 4 Page - First Components International

부품명 CS5205
상세설명  5A Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

CS5205 데이터시트(HTML) 4 Page - First Components International

  CS5205 Datasheet HTML 1Page - First Components International CS5205 Datasheet HTML 2Page - First Components International CS5205 Datasheet HTML 3Page - First Components International CS5205 Datasheet HTML 4Page - First Components International CS5205 Datasheet HTML 5Page - First Components International CS5205 Datasheet HTML 6Page - First Components International CS5205 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
The CS-5205 series of adjustable and fixed regulators are
designed to power the new generation of microprocessors.
The CS-5205 is designed to make use of multiple power
supplies, present in most systems, to reduce the dropout
voltage. One of the advantages of the two supply approach
is maximizing the efficiency.
The second supply is at least 1V greater than output voltage
and is providing the power for the control circuitry and
supplies the drive current to the NPN output transistor. This
allows the NPN output transistor to be driven into saturation.
For the control voltage the current requirement is small equal
to about 1% of the output current or approximately 50mA
for a 5A load. This drive current becomes part of the output
current. The maximum voltage on the Control pin is 15V.
The maximum voltage at the Power pin is 7V. By typing the
control and power inputs together the CS-5205 can also be
operated as a single supply device. In single supply operation
the dropout will be determined by the minimum control
voltage.
The new generation of microprocessors cycle load current
from several hundred milliamperes to several amperes in
tens of nanoseconds. Output voltage tolerances are tighter
and include transient response as part of the specification.
Designed to meet the fast current load step requirements of
these microprocessors, the CS-5205 also saves total cost by
needing less output capacitane to maintain regulation.
Both the fixed and adjustable versions have remote sense
pins, permitting very accurate regulation of output voltage.
As a result, over an output current range of 100mA to 5A,
the typical load regulation is less than 1mV.
For the fixed voltages the adjust pin is brought out allowing
the user to improve transient response by bypassing the
internal resistor divider.
Optimum transient response is
provided using a capacitor in the range of 0.1
F to 1
F for
bypassing the Adjust pin.
In addition to the enhancements mentioned, the reference
accuracy has been improved a factor of two with a
guaranteed initial tolerance of
1% at 25
and 1.6%
accuracy over the full temperature and load current range.
Typical applications for the CS-5205 include 3.3V to 2.5V
conversion with a 5V control supply, 5V to 4.2V
conversion with a 12V control supply or 5V to 3.6V
conversion with a 12V control supply. It is easy to obtain
dropout voltages of less than 0.5V at 2.5A along with
excellent static and dynamic specifications.
The device is
fully protected against overcurrent and overtemperature
conditions.
Application Information
The CS-5205 allows true Kelvin sensing for both the high
and low side of the load. As a result the voltage regulation
at the load can be easily optimized. Voltage drops due to
parasitic resistances between the regulator and the load
can be placed inside the regulation loop. The advantages
of remote sensing are illustrated in figures 1 through 3.
Figure 1 shows the device connected as a conventional 3
terminal regulator with the Sense lead connected directly
to the output of the device. Rp is the parasitic resistance of
the connections between the device and the load.
Trace A of figure 3 illustrates the effect of Rp.
Figure 2 shows the device connected to take advantage
of the remote sense feature. The Sense pin and the top
of the resistor divider are connected to the top of the
load; the bottom of the resistor divider is connected to
the bottom of the load. The effect on output regulation
can be seen in trace B of figure 3.
Grounding and Output Sensing
CS-5205 5A Low Dropout Positive Voltage Regulator
The circuit design used in the CS5205 series requires the
use of an output capacitor as part of the device frequency
compensation.
The addition of 150
F aluminum
electrolytic or a 22
F solid tantalum on the output will
ensure stability for all operating conditions.
Stability
CONTROL
5.0V
3.3V
R2
R1
Rp
R
CS5205
ADJ
POWER
SENSE
OUTPUT
LOAD
A
B
VOUT
FIGURE 1
VOUT
It is important to note that the voltage drops due to
Representative are not eliminated; they will add to the
dropout voltage of the regulator regardless. The CS-5205
can control thevoltage at the load as long as the
input-output voltage is greater than the total of the
dropout voltage of the deviceplus the voltage drop across
Rp .
CONTROL
5.0V
3.3V
R2
R1
Rp
R
CS5205
ADJ
POWER
SENSE
OUTPUT
Figure 1. Conventional Load Sensing
LOAD
Figure 2. Remote Load Sensing
Figure 3. Remote Sensing Improves Load Regulation



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com