| 전자부품 데이터시트 검색엔진 |
|
MB96F348CWCPMC-GSE2 데이터시트(PDF) 23 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CWCPMC-GSE2 데이터시트(HTML) 23 Page - Cypress Semiconductor |
|
23 / 109 page ![]() MB96340 Series Document Number: 002-04579 Rev. *A Page 23 of 109 10. Serial Programming Communication Interface Note: If a Flash programmer and its software needs to use a handshaking pin, Cypress suggests to the tool vendor to support at least port P00_1 on pin 76/78.If handshaking is used by the tool but P00_1 is not available in customer’s application, Cypress suggests to the customer to check the tool manual or to contact the tool vendor for alternative handshaking pins. Table 3: USART pins for Flash serial programming (MD[2:0] = 010, Serial Communication mode) MB96F34x Pin number Pin number USART Number Normal function LQFP-100 QFP-100 57 59 USART0 SIN0 58 60 SOT0 59 61 SCK0 60 62 USART1 SIN1 61 63 SOT1 62 64 SCK1 22 24 USART2 SIN2 23 25 SOT2 24 26 SCK2 85 87 USART3 SIN3 86 88 SOT3 87 89 SCK3 |