| 전자부품 데이터시트 검색엔진 |
|
UPD17P136ACT 데이터시트(PDF) 141 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17P136ACT 데이터시트(HTML) 141 Page - NEC |
|
141 / 292 page ![]() CHAPTER 13 PERIPHERAL HARDWARE 122 13.2 BASIC INTERVAL TIMER (BTM) The µPD17134A subseries has a 7-bit basic interval timer. This basic interval timer has the following functions. (1) Generates reference time. (2) Selects and counts wait time when standby mode is released. (3) Serves as watchdog timer that detects program hang-up. 13.2.1 Basic Interval Timer Configuration Figure 13-9 shows the configuration of the basic interval timer. Figure 13-9. Basic Interval Timer Configuration Remark (1) through (4) in the figure corresponding to the signals in the timing chart in Figure 13-12. BTM mode register (RF: 13H) Watchdog timer mode register (RF: 03H) BTMISEL BTMRES BTMCK1 BTMCK0 WDTRES 0 0 WDTEN 2 Reset Selector fX/8192 fX/4096 Timer 0 count up INT pin (ACZCROSS) Basic interval timer (7-bit divider circuit) Reset Selector IRQBTM set signal Watchdog reset signal R S (3) (2) Outputs 1 while counting 0 to 7 during count of 0 to 256 fBTM 27 fBTM 26 fBTM Q 1-bit divider circuit 1-shot pulse generation circuit Internal bus (4) (1) |