전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATM90E32AS-AU-R 데이터시트(PDF) 54 Page - ATMEL Corporation

부품명 ATM90E32AS-AU-R
상세설명  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R 데이터시트(HTML) 54 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 50Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 51Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 52Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 53Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 54Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 55Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 56Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 57Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
54
GainBIrms2
Phase B Gain Compensation for Current Segment 2
PhiCIrms01
Phase C Phase Compensation for Current Segment 0 and 1
PhiCIrms2
Phase C Phase Compensation for Current Segment 2
GainCIrms01
Phase C Gain Compensation for Current Segment 0 and 1
GainCIrms2
Phase C Gain Compensation for Current Segment 2
Address: 2BH
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15:8
-
Reserved.
7:0
GainIrms2
Gain compensation for current segment 2 (Irms < Irms1). Refer to 3.9.1 Gain Based Compensation.
Address: 2CH
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15:8
PhiIrms1
Phase compensation for current segment 1 (Irms1<Irms < Irms0). Refer to 3.9.2 Delay/Phase Based
Compensation.
7:0
PhiIrms0
Phase compensation for current segment 0 (Irms > Irms0). Refer to 3.9.2 Delay/Phase Based Compen-
sation.
Address: 2DH
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15:8
-
Reserved.
7:0
PhiIrms2
Phase compensation for current segment 2 (Irms < Irms1). Refer to 3.9.2 Delay/Phase Based Compen-
sation.
Address: 2EH
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15:8
GainIrms1
Gain compensation for current segment 1 (Irms1<Irms < Irms0). Refer to 3.9.1 Gain Based Compensa-
tion.
7:0
GainIrms0
Gain compensation for current segment 0 (Irms > Irms0). Refer to 3.9.1 Gain Based Compensation.
Address: 2FH
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15:8
-
Reserved.
7:0
GainIrms2
Gain compensation for current segment 2 (Irms < Irms1). Refer to 3.9.1 Gain Based Compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com