전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATM90E32AS-AU-R 데이터시트(PDF) 75 Page - ATMEL Corporation

부품명 ATM90E32AS-AU-R
상세설명  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R 데이터시트(HTML) 75 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 71Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 72Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 73Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 74Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 75Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 76Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 77Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 78Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
75
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
6.2.2
MEASUREMENT ACCURACY
The measurements are all calculated with fiducial error except for frequency.
Fiducial error is calculated as follows:
Where Umea means the measured data of one measurement parameter, and Ureal means the real/actual data of the
parameter,
UFV means the fiducial value of this measurement parameter, which can be defined as Table-17.
For the above mentioned parameters, the measurement accuracy requirement is 0.5% maximum.
For frequency, temperature:
Parameter Accuracy
Frequency: 0.01Hz
Temperature: 1 °C
Accuracy of all orders of harmonics: 5% relative error
Table-17 Measurement Parameter Range and Format
Measurement
Fiducial Value (FV)
M90E32AS
Defined
Format
Range
Comment
Voltage
reference voltage Un
XXX.XX
0 ~ 655.35V
Unsigned integer with unit of 0.01V
Current
maximum
current
Imax (4×In is recom-
mended)
XX.XXX
0 ~ 65.535A
Unsigned integer with unit of 0.001A
Voltage rms
Un
XXX.XX
0 ~ 655.35V
Unsigned integer with unit of 0.01V
Current rms
note 1
Ib/In
XX.XXX
0 ~ 65.535A
Unsigned integer with unit of 0.001A
Frequency
Reference Fre-
quency 50 Hz
XX.XX
45.00~65.00 Hz
Signed integer with unit/LSB of
0.01Hz
Power Factor
1.000
X.XXX
-1.000 ~ +1.000
Signed integer, LSB/Unit = 0.001
Phase Angle
note 2
180
°
XXX.X
-180
° ~ +180°
Signed integer, unit/LSB = 0.1
°
Note 1:
All registers are of 16-bit. For cases when the current or active/reactive/apparent power goes beyond the above range, it is suggested
to be handled by MCU in application. For example, register value can be calibrated to 1/2 of the actual value during calibration, then
multiply 2 in application.
Note 2:
Phase angle is obtained when voltage/current crosses zero at the sampling frequency of 256kHz.
100%
*
U
U
-
U
rror
Fiducial_E
FV
real
mea
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com