전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATM90E32AS-AU-R 데이터시트(PDF) 60 Page - ATMEL Corporation

부품명 ATM90E32AS-AU-R
상세설명  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R 데이터시트(HTML) 60 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 56Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 57Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 58Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 59Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 60Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 61Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 62Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 63Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
60
EMMState0
EMM State 0
Address: 71H
Type: Read
Default Value: 0000H
Bit
Name
Description
15
OIPhaseAST Set to 1: if there is over current on phase A
14
OIPhaseBST Set to 1: if there is over current on phase B
13
OIPhaseCST Set to 1: if there is over current on phase C
12
OVPhaseAST Set to 1: if there is over voltage on phase A
11
OVPhaseBST Set to 1: if there is over voltage on phase B
10
OVPhaseCST Set to 1: if there is over voltage on phase C
9
URevWnST Voltage Phase Sequence Error status
8IRevWnST
Current Phase Sequence Error status
7INOv0ST
When the calculated N line current is greater than the threshold set by the INWarnTh register, this bit is
set.
6
TQNoloadST All phase sum reactive power no-load condition status
5
TPNoloadST All phase sum active power no-load condition status
4
TASNoloadST All phase arithmetic sum apparent power no-load condition status
3CF1RevST
Energy for CF1 Forward/Reverse status:
0: Forward
1: Reverse
2CF2RevST
Energy for CF2 Forward/Reverse status:
0: Forward
1: Reverse
1CF3RevST
Energy for CF3 Forward/Reverse status:
0: Forward
1: Reverse
0CF4RevST
Energy for CF4 Forward/Reverse status:
0: Forward
1: Reverse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com