전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATM90E32AS-AU-R 데이터시트(PDF) 65 Page - ATMEL Corporation

부품명 ATM90E32AS-AU-R
상세설명  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R 데이터시트(HTML) 65 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 61Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 62Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 63Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 64Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 65Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 66Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 67Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 68Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
65
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
EMMIntEn1
EMM Interrupt Enable 1
LastSPIData
Last Read/Write SPI Value
Address: 76H
Type: Read/ Write
Default Value: 0000H
Bit
Name
Description
15
FreqHiIntEn FreqHiIntST status change interrupt generation enable
14
SagPhase-
AIntEN
Phase A Sag status change interrupt generation enable
13
SagPhase-
BIntEN
Phase B Sag status change interrupt generation enable
12
SagPhase-
CIntEN
Phase C Sag status change interrupt generation enable
11
FreqLoIntEn FreqLoIntST status change interrupt generation enable
10
PhaseLos-
sAIntEN
Phase A Phase Loss status change interrupt generation enable
9
PhaseLoss-
BIntEN
Phase B Phase Loss status change interrupt generation enable
8
PhaseLoss-
CIntEN
Phase C Phase Loss status change interrupt generation enable
7
QERegTPIntE
N
ReActive (Q) Energy(E) Register (Reg) of all channel totoal sum (T) Positive (P) Status Change Interrupt
Generation Enable (IntEN)
6
QERegAP-
IntEN
5
QERegB-
PIntEN
4
QE
RegCPIntEN
3
PERegTPIntE
N
Active (P) Energy (E) Register (Reg) of Channel A (A) Positive (P) Status Change Interrupt Generation E
nable (ST)
2
PERegAPIntE
N
1
PERegBPIntE
N
0
PERegCPIntE
N
Address: 78H
Type: Read
Default Value: 0000H
Bit
Name
Description
15:0
LastSPI-
Data[15:0]
This register is a special register which logs data of the previous SPI Read or Write access especially for
Read/Clear registers. This register is useful when the user wants to check the integrity of the last SPI
access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com