전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATM90E32AS-AU-R 데이터시트(PDF) 59 Page - ATMEL Corporation

부품명 ATM90E32AS-AU-R
상세설명  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R 데이터시트(HTML) 59 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 55Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 56Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 57Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 58Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 59Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 60Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 61Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 62Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
59
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
5.4.4
MEASUREMENT CALIBRATION
5.4.5
EMM STATUS
SoftReset
Software Reset
Table-9 Measurement Calibration Registers
Register
Address
Register Name
Read/Write
Type
Functional Description
Power-on Value
61H
UgainA
R/W
Phase A Voltage RMS Gain
8000H
62H
IgainA
R/W
Phase A Current RMS Gain
8000H
63H
UoffsetA
R/W
Phase A Voltage RMS offset
0000H
64H
IoffsetA
R/W
Phase A Current RMS offset
0000H
65H
UgainB
R/W
Phase B Voltage RMS Gain
8000H
66H
IgainB
R/W
Phase B Current RMS Gain
8000H
67H
UoffsetB
R/W
Phase B Voltage RMS offset
0000H
68H
IoffsetB
R/W
Phase B Current RMS offset
0000H
69H
UgainC
R/W
Phase C Voltage RMS Gain
8000H
6AH
IgainC
R/W
Phase C Current RMS Gain
8000H
6BH
UoffsetC
R/W
Phase C Voltage RMS offset
0000H
6CH
IoffsetC
R/W
Phase C Current RMS offset
0000H
Table-10 EMM Status Registers
Register
Address
Register Name
Read/Write
Type
Functional Description
Power-on Value
70H
SoftReset
W
Software Reset
71H
EMMState0
R
EMM State 0
72H
EMMState1
R
EMM State 1
73H
EMMIntState0
R/W1C
EMM Interrupt Status 0
74H
EMMIntState1
R/W1C
EMM Interrupt Status 1
75H
EMMIntEn0
R/W
EMM Interrupt Enable 0
76H
EMMIntEn1
R/W
EMM Interrupt Enable 1
78H
LastSPIData
R/W1C
Last Read/Write SPI Value
79H
CRCErrStatus
R
CRC Error Status
7AH
CRCDigest
R/W
CRC Digest
7FH
CfgRegAccEn
R/W
Configure Register Access Enable
Address: 70H
Type: Write
Default Value: 0000H
Bit
Name
Description
15:0
SoftRe-
set[15:0]
Software reset register. The M90E32AS resets if 789AH is written to this register. The reset domain is the
same as the RESET pin or Power On Reset. Reading this register always return 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com