전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATM90E32AS-AU-R 데이터시트(PDF) 57 Page - ATMEL Corporation

부품명 ATM90E32AS-AU-R
상세설명  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R 데이터시트(HTML) 57 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 53Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 54Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 55Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 56Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 57Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 58Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 59Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 60Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
57
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
MMode1
PGA Gain Configuration
5.4.2
ENERGY CALIBRATION REGISTERS
PoffsetA
Phase A Active Power offset
Address: 34H
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15-6
-
Reserved.
5-0
PGA_GAIN
PGA gain for all ADC channels.
Mapping:
[5:4]: I3
[3:2]: I2
[1:0]: I1
Encoding:
00: 1X (default)
01: 2X
10: 4X
11: N/A
Table-7 Calibration Registers
Register
Address
Register Name
Read/Write
Type
Functional Description
Power-on Value
Calibration Registers
41H
PoffsetA
R/W
Phase A Active Power Offset
0000H
42H
QoffsetA
R/W
Phase A Reactive Power Offset
0000H
43H
PoffsetB
R/W
Phase B Active Power Offset
0000H
44H
QoffsetB
R/W
Phase B Reactive Power Offset
0000H
45H
PoffsetC
R/W
Phase C Active Power Offset
0000H
46H
QoffsetC
R/W
Phase C Reactive Power Offset
0000H
47H
PQGainA
R/W
Phase A Active/reactive Energy Cali-
bration Gain
0000H
48H
PhiA
R/W
Phase A Calibration Phase Angle
0000H
49H
PQGainB
R/W
Phase B Active/reactive Energy Cali-
bration Gain
0000H
4AH
PhiB
R/W
Phase B Calibration Phase Angle
0000H
4BH
PQGainC
R/W
Phase C Active/reactive Energy Cali-
bration Gain
0000H
4CH
PhiC
R/W
Phase C Calibration Phase Angle
0000H
Address: 41H
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15-0
offset
Phase A active power offset, signed with complement format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com